Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F73-I/SP Datasheet(PDF) 158 Page - Microchip Technology

Part # PIC16F73-I/SP
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F73-I/SP Datasheet(HTML) 158 Page - Microchip Technology

Back Button PIC16F73-I/SP Datasheet HTML 154Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 155Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 156Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 157Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 158Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 159Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 160Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 161Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 162Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 174 page
background image
PIC16F7X
DS30325B-page 156
 2002 Microchip Technology Inc.
28-Lead Plastic Micro Leadframe Package (MF) 6x6 mm Body (MLF)
Lead Width
*Controlling Parameter
Notes:
Mold Draft Angle Top
B
α
.009
12
.011
.014
0.23
12
0.28
0.35
D
Pitch
Number of Pins
Overall Width
Standoff
Molded Package Length
Overall Length
Molded Package Width
Molded Package Thickness
Overall Height
MAX
Units
Dimension Limits
A2
A1
E1
D
D1
E
n
p
A
.026
.236 BSC
.000
.226 BSC
INCHES
.026 BSC
MIN
28
NOM
MAX
0.65
.031
.002
0.00
6.00 BSC
5.75 BSC
MILLIMETERS*
.039
MIN
28
0.65 BSC
NOM
0.80
0.05
1.00
E
E1
n
1
2
D1
A
A2
EXPOSED
METAL
PADS
BOTTOM VIEW
.008 REF.
Base Thickness
A3
0.20 REF.
TOP VIEW
0.85
.033
.0004
0.01
.236 BSC
.226 BSC
6.00 BSC
5.75 BSC
Q
L
Lead Length
Tie Bar Width
L
.020.024
.0300.50
0.600.75
R
.005.007
.0100.13
0.170.23
Tie Bar Length
Q
.012
.016
.026
0.30
0.40
0.65
Chamfer
CH
.009.017
.0240.24
0.420.60
R
p
A1
A3
α
CH x 45
B
D2
E2
E2
D2
Exposed Pad Width
Exposed Pad Length
.140
.146
.152
3.55
3.70
3.85
.140
.146
.152
3.55
3.70
3.85
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010” (0.254mm) per side.
JEDEC equivalent: pending
Drawing No. C04-114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com