Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F73-I/SP Datasheet(PDF) 163 Page - Microchip Technology

Part # PIC16F73-I/SP
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F73-I/SP Datasheet(HTML) 163 Page - Microchip Technology

Back Button PIC16F73-I/SP Datasheet HTML 159Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 160Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 161Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 162Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 163Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 164Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 165Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 166Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 167Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 174 page
background image
 2002 Microchip Technology Inc.
DS30325B-page 161
PIC16F7X
APPENDIX A:
REVISION HISTORY
APPENDIX B:
DEVICE
DIFFERENCES
The differences between the devices in this data sheet
are listed in Table B-1.
Version
Date
Revision Description
A
2000
This is a new data sheet. How-
ever, these devices are similar to
the PIC16C7X devices found in
the PIC16C7X Data Sheet
(DS30390) or the PIC16F87X
devices (DS30292).
B
2001
Final data sheet. Includes device
characterization data. Addition of
extended temperature devices.
Addition of 28-pin MLF package.
Minor typographic revisions
throughout.
TABLE B-1:
DEVICE DIFFERENCES
Difference
PIC16F73
PIC16F74
PIC16F76
PIC16F77
FLASH Program Memory
(14-bit words)
4K
4K
8K
8K
Data Memory (bytes)
192
192
368
368
I/O Ports
3
5
3
5
A/D
5 channels,
8 bits
8 channels,
8 bits
5 channels,
8 bits
8 channels,
8 bits
Parallel Slave Port
no
yes
no
yes
Interrupt Sources
11121112
Packages
28-pin PDIP
28-pin SOIC
28-pin SSOP
28-pin MLF
40-pin PDIP
44-pin TQFP
44-pin PLCC
28-pin PDIP
28-pin SOIC
28-pin SSOP
28-pin MLF
40-pin PDIP
44-pin TQFP
44-pin PLCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com