Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISCFM8094 Datasheet (PDF) - Inchange Semiconductor Company Limited

ISCFM8094 Datasheet PDF - Inchange Semiconductor Company Limited
Part # ISCFM8094
Download  ISCFM8094 Download
File Size   475.33 Kbytes
Page   5 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description SiC MOSFET Power Module

ISCFM8094 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISCFM8094 Datasheet PDF - Inchange Semiconductor Company Limited

Part # ISCFM8094
Download  ISCFM8094 Click to download

File Size   475.33 Kbytes
Page   5 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description SiC MOSFET Power Module

ISCFM8094 Datasheet (HTML) - Inchange Semiconductor Company Limited


ISCFM8094 Product details

FEATURES
· VDSS=1200V,RDS(on)= 17mΩmax@TJ=25℃
· Zero Reverse Recovery
· Very Low Stray Inductance
· High Level Of Integration
· Internal Thermistor For Temperature Monitoring
APPLICATIONS
· Welding Converters
· Uninterruptible Power Supplies
· Motor Control




Similar Part No. - ISCFM8094

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCFM8093 ISC-ISCFM8093 Datasheet
544Kb / 3P
SiC N-Channel MOSFET
More results


Similar Description - ISCFM8094

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKM350MB120SCH15 SEMIKRON-SKM350MB120SCH15 Datasheet
99Kb / 4P
SiC MOSFET Module
SKM350MB120SCH17 SEMIKRON-SKM350MB120SCH17 Datasheet
103Kb / 4P
SiC MOSFET Module
SKM500MB120SC SEMIKRON-SKM500MB120SC Datasheet
120Kb / 3P
SiC MOSFET Module
SK25MH120TSCP SEMIKRON-SK25MH120TSCP Datasheet
173Kb / 4P
SIC MOSFET Module
SK45MAHT12SCP SEMIKRON-SK45MAHT12SCP Datasheet
222Kb / 3P
SiC MOSFET Module
logo
Microchip Technology
MSCSM170HM23CT3AG MICROCHIP-MSCSM170HM23CT3AG Datasheet
780Kb / 17P
Full Bridge SiC MOSFET Power Module
2021
MSCSM170AM23CT1AG MICROCHIP-MSCSM170AM23CT1AG Datasheet
1,021Kb / 17P
Phase Leg SiC MOSFET Power Module
A 04/2021
logo
Inchange Semiconductor ...
GA100JT12-ISCFM8004 ISC-GA100JT12-ISCFM8004 Datasheet
365Kb / 5P
SiC MOSFET Power Module
2023-9-26
GA100JT17-ISCFM8005 ISC-GA100JT17-ISCFM8005 Datasheet
365Kb / 5P
SiC MOSFET Power Module
2023-9-26
APTM100A13SCG ISC-APTM100A13SCG Datasheet
439Kb / 6P
SiC diodes MOSFET Power Module
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com