Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISCFM8094 Datasheet(PDF) 3 Page - Inchange Semiconductor Company Limited

Part # ISCFM8094
Description  SiC MOSFET Power Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCFM8094 Datasheet(HTML) 3 Page - Inchange Semiconductor Company Limited

  ISCFM8094 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCFM8094 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISCFM8094 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISCFM8094 Datasheet HTML 4Page - Inchange Semiconductor Company Limited ISCFM8094 Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ISCFM8094
eq APTMC120AM20CT1
SiC MOSFET Power Module
www.iscsemi.com
3
DIODE CHARACTERISTICS (TC =25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VRRM
Maximum Peak Repetitive Reverse Voltage
1200
--
--
V
ID
DC Forward Current, TJ= 25℃
--
40
--
A
IRM
Reverse Current
VR=VRRM, TJ= 25℃
--
70
400
uA
VR=VRRM, TJ= 175℃
--
130
800
VF
Diode Forward Voltage
IF= 40A, TJ= 25℃
--
1.5
1.8
V
IF= 40A, TJ= 175℃
--
2.0
3.0
Qrr
Reverse Recovery Charge
IF = 40A, VR = 1200V,
di/dt=1000A/us
--
120
--
ns
C
Total Capacitance
f = 1MHz, VR = 200V
--
190
--
pF
MODULE CHARACTERISTICS (TC= 25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
Visol
Case Isolation Voltage
t=1min, f=50/60Hz
4000
--
--
V
TJ
Operating junction temperature Range
SIC MOSFET
-40
--
150
℃
SIC Diode
-40
--
175
TJ op
Operating Junction Temperature
-40
--
125
℃
TJ
Max. Operating Junction Temperature
-40
--
125
℃
Tstg
Storage Temperature
-40
--
125
℃
M
Module Electrodes Torque
2.0
--
3.0
N.m
G
Weight of Module
--
80
--
g



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com