Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISCFM8094 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ISCFM8094
Description  SiC MOSFET Power Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCFM8094 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISCFM8094 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCFM8094 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISCFM8094 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISCFM8094 Datasheet HTML 4Page - Inchange Semiconductor Company Limited ISCFM8094 Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ISCFM8094
eq APTMC120AM20CT1
SiC MOSFET Power Module
www.iscsemi.com
1
FEATURES
· VDSS=1200V,RDS(on)= 17mΩmax@TJ=25℃
· Zero Reverse Recovery
· Very Low Stray Inductance
· High Level Of Integration
· Internal Thermistor For Temperature Monitoring
APPLICATIONS
· Welding Converters
· Uninterruptible Power Supplies
· Motor Control
ABSOLUTE MAXIMUM RATINGS(TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain - Source Breakdown Voltage
1200
V
VGS
Gate-Source Voltage
-10/+25
V
ID
Continuous Drain Current
Tc=25℃
143
A
Tc= 80℃
108
IDM
Pulsed Drain-Source Current
280
A
Ptot
Total power dissipation
Tc= 25℃
600
W
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.21
℃
/W
Thermal Resistance, Junction to Diode
0.7


Similar Part No. - ISCFM8094

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCFM8093 ISC-ISCFM8093 Datasheet
544Kb / 3P
SiC N-Channel MOSFET
More results

Similar Description - ISCFM8094

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKM350MB120SCH15 SEMIKRON-SKM350MB120SCH15 Datasheet
99Kb / 4P
SiC MOSFET Module
SKM350MB120SCH17 SEMIKRON-SKM350MB120SCH17 Datasheet
103Kb / 4P
SiC MOSFET Module
SKM500MB120SC SEMIKRON-SKM500MB120SC Datasheet
120Kb / 3P
SiC MOSFET Module
SK25MH120TSCP SEMIKRON-SK25MH120TSCP Datasheet
173Kb / 4P
SIC MOSFET Module
SK45MAHT12SCP SEMIKRON-SK45MAHT12SCP Datasheet
222Kb / 3P
SiC MOSFET Module
logo
Microchip Technology
MSCSM170HM23CT3AG MICROCHIP-MSCSM170HM23CT3AG Datasheet
780Kb / 17P
Full Bridge SiC MOSFET Power Module
2021
MSCSM170AM23CT1AG MICROCHIP-MSCSM170AM23CT1AG Datasheet
1,021Kb / 17P
Phase Leg SiC MOSFET Power Module
A 04/2021
logo
Inchange Semiconductor ...
GA100JT12-ISCFM8004 ISC-GA100JT12-ISCFM8004 Datasheet
365Kb / 5P
SiC MOSFET Power Module
2023-9-26
GA100JT17-ISCFM8005 ISC-GA100JT17-ISCFM8005 Datasheet
365Kb / 5P
SiC MOSFET Power Module
2023-9-26
APTM100A13SCG ISC-APTM100A13SCG Datasheet
439Kb / 6P
SiC diodes MOSFET Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com