Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISCFM8094 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISCFM8094
Description  SiC MOSFET Power Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCFM8094 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISCFM8094 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCFM8094 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISCFM8094 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISCFM8094 Datasheet HTML 4Page - Inchange Semiconductor Company Limited ISCFM8094 Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ISCFM8094
eq APTMC120AM20CT1
SiC MOSFET Power Module
www.iscsemi.com
2
MOSFET CHARACTERISTICS (TC= 25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0V
1200
--
--
V
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 2mA
1.9
2.3
--
V
RDS(on)
Drain-Source On-stage Resistance
VGS= 20V, ID= 100A
--
13
17
mΩ
VGS= 20V, ID= 100A,TJ=150°C
--
22
--
IGSS
Gate Source Leakage Current
VGS= 20V, VDS= 0V
--
--
1.0
uA
IDSS
Zero Gate Voltage Drain Current
VDS = 1200V, VGS = 0V
--
20
200
uA
Ciss
Input Capacitance
VGS = 0V,
VDS = 1000V,
f = 1MHz
--
6000
--
pF
Coss
Output Capacitance
--
450
--
Crss
Reverse Transfer Capacitance
--
50
--
Qg
Total Gate Charge
VDS = 800V,
ID=100A,
VGS=-2V/ +20V
--
380
--
nC
Qgs
Gate-Source Charge
--
70
--
Qgd
Gate-Drain Charge
--
125
--
td(on)
Turn-on Delay Time
VDS = 800V,
ID=100A,
VGS=-2V/ +20V,
RL=8Ω,RG=10Ω
--
25
--
ns
tr
Turn-on Rise Time
--
22
--
td(off)
Turn-off Delay Time
--
56
--
tf
Turn-off Fall Time
--
33
--
Eon
Turn-On Switching Energy
TJ=150°C,
VGS=-5/+20V,
ID= 100A,
VDS=600V,
RG= 10Ω
--
2.5
--
mJ
Eoff
Turn-Off Switching Energy
--
1.5
--



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com