Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KRTBDSLP31-33 Datasheet (PDF) - ams-OSRAM AG

KRTBDSLP31-33 Datasheet PDF - ams-OSRAM AG
Part # KRTBDSLP31-33
Download  KRTBDSLP31-33 Download
File Size   3209.77 Kbytes
Page   36 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSIRE™ E3030

KRTBDSLP31-33 Datasheet (PDF)

Go To PDF Page Download Datasheet
KRTBDSLP31-33 Datasheet PDF - ams-OSRAM AG

Part # KRTBDSLP31-33
Download  KRTBDSLP31-33 Click to download

File Size   3209.77 Kbytes
Page   36 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSIRE™ E3030

KRTBDSLP31-33 Datasheet (HTML) - ams-OSRAM AG


KRTBDSLP31-33 Product details

Applications
- Ambient Lighting - Automotive Aftermarket
Features
- Chip technology: Thinfilm / Volume emitter on Sapphire (AlInGaN)
- Color: λdom = 624 nm (● red); λdom = 526 nm (● true green); λdom = 459 nm (● blue)
- Corrosion Robustness Class: 3B
- Qualifications: AEC-Q102 Qualified
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)





Similar Part No. - KRTBDSLP31-33

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
KRTBDWLM31-32 AMSOSRAM-KRTBDWLM31-32 Datasheet
2Mb / 32P
OSIRE™ E3323
Version 1.4 2026-03-04
logo
OSRAM GmbH
KRTBDWLM31.32 OSRAM-KRTBDWLM31.32 Datasheet
2Mb / 32P
The OSIRE E3323 is designed for automotive ambient applications.
Version 1.3 2023-03-09
logo
ams-OSRAM AG
KRTBDWLM32-32 AMSOSRAM-KRTBDWLM32-32 Datasheet
2Mb / 33P
OSIRE™ E3323
Version 1.5 2026-03-04
logo
ams AG
KRTBDWLM32.32 AMSCO-KRTBDWLM32.32 Datasheet
2Mb / 33P
The OSIRE E3323 is designed for automotive ambient applications.
Version 1.3 2023-03-09
logo
OSRAM GmbH
KRTBDWLM32.32 OSRAM-KRTBDWLM32.32 Datasheet
2Mb / 33P
The OSIRE E3323 is designed for automotive ambient applications.
Version 1.3 2023-03-09
More results


Similar Description - KRTBDSLP31-33

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LAUNCHXL-F280049C TI-LAUNCHXL-F280049C Datasheet
4Mb / 28P
C2000™ Piccolo™ F28004x Series LaunchPad™ Development Kit
June 2018-Revised April 2020
logo
3M Electronics
RP040GF 3M-RP040GF Datasheet
59Kb / 7P
3M™ VHB™ Tape RP040GF
May, 2022
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
RP110GF 3M-RP110GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP110GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
logo
AVX Corporation
1002857 AVX-1002857 Datasheet
428Kb / 3P
EtherHelix™™ Mission Critical GPS Antenna
9/19/2019
logo
3M Electronics
20433 3M-20433 Datasheet
78Kb / 3P
3M™ Hookit™ Sheet Pad
logo
Infineon Technologies A...
IRF300P226 INFINEON-IRF300P226 Datasheet
1Mb / 17P
StrongIRFET™
V2.2 2020-01-07
logo
3M Electronics
EPX 3M-EPX Datasheet
942Kb / 2P
3M™ EPX™ Applicators and Nozzles
logo
ams AG
KRTBDWLM32.32 AMSCO-KRTBDWLM32.32 Datasheet
2Mb / 33P
The OSIRE E3323 is designed for automotive ambient applications.
Version 1.3 2023-03-09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com