Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KRTBDSLP31-33 Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # KRTBDSLP31-33
Description  OSIRE™ E3030
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KRTBDSLP31-33 Datasheet(HTML) 5 Page - ams-OSRAM AG

  KRTBDSLP31-33 Datasheet HTML 1Page - ams-OSRAM AG KRTBDSLP31-33 Datasheet HTML 2Page - ams-OSRAM AG KRTBDSLP31-33 Datasheet HTML 3Page - ams-OSRAM AG KRTBDSLP31-33 Datasheet HTML 4Page - ams-OSRAM AG KRTBDSLP31-33 Datasheet HTML 5Page - ams-OSRAM AG KRTBDSLP31-33 Datasheet HTML 6Page - ams-OSRAM AG KRTBDSLP31-33 Datasheet HTML 7Page - ams-OSRAM AG KRTBDSLP31-33 Datasheet HTML 8Page - ams-OSRAM AG KRTBDSLP31-33 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
KRTB DSLP31.33
DATASHEET
DATASHEET
5 | Version 1.2 | 2025-11-12
Characteristics
T
S = 25 °C
Parameter
Symbol
Values
Values
Values
● red
● true green
● blue
Dominant Wavelength 3)
λ
dom
min.
typ.
max.
620 nm
624 nm
632 nm
519 nm
526 nm
546 nm
447 nm
459 nm
476 nm
Forward Voltage 4)
I
F = 200 mA (red), 150 mA (true
green), 200 mA (blue)
V
F
min.
typ.
max.
1.90 V
2.35 V
2.60 V
2.80 V
3.25 V
3.50 V
2.90 V
3.40 V
3.70 V
Reverse current 2)
V
R = 10 V
I
R
typ.
max.
0.01 µA
10 µA
0.01 µA
10 µA
0.01 µA
10 µA
Real thermal resistance junction/sol-
derpoint 5)
R
thJS real
typ.
max.
19 K / W
25 K / W
48 K / W
57 K / W
41 K / W
54 K / W
Electrical thermal resistance junction/
solderpoint 5)
with efficiency ηe = 39 % (red), 17 %
(true green), 43 % (blue)
R
thJS elec.
typ.
max.
12 K / W
15 K / W
40 K / W
48 K / W
23 K / W
31 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com