Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KRTBDSLP31-33 Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # KRTBDSLP31-33
Description  OSIRE™ E3030
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KRTBDSLP31-33 Datasheet(HTML) 2 Page - ams-OSRAM AG

  KRTBDSLP31-33 Datasheet HTML 1Page - ams-OSRAM AG KRTBDSLP31-33 Datasheet HTML 2Page - ams-OSRAM AG KRTBDSLP31-33 Datasheet HTML 3Page - ams-OSRAM AG KRTBDSLP31-33 Datasheet HTML 4Page - ams-OSRAM AG KRTBDSLP31-33 Datasheet HTML 5Page - ams-OSRAM AG KRTBDSLP31-33 Datasheet HTML 6Page - ams-OSRAM AG KRTBDSLP31-33 Datasheet HTML 7Page - ams-OSRAM AG KRTBDSLP31-33 Datasheet HTML 8Page - ams-OSRAM AG KRTBDSLP31-33 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
KRTB DSLP31.33
DATASHEET
DATASHEET
2 | Version 1.2 | 2025-11-12
OSIRE™ E3030
KRTB DSLP31.33
The ams OSRAM OSIRE™ E3030 (KRTB DSLP31.33) RGB
top looker device is specifically designed for automotive interior
applications. It offers individually addressable LED chips for a
maximum of flexibility in terms of color point, driver selection
and interconnection.
Due to the delta chip orientation, the OSIRETM E3030 is ideally
suited for coupling into round light guides and enables the reali-
zation of sophisticated illumination scenarios. With its increased
light output (0.5W power class) it is perfectly suited for back-
lighting and hidden-until-lit applications. With its compact design
and an height of only 0.6 mm it is perfectly suited for space
limited applications. With corrosion robustness 3B the OSIRE
E3030 is capable to withstand harsh environmental conditions.
Applications
- Ambient Lighting
- Automotive Aftermarket
Features
- Chip technology: Thinfilm / Volume emitter on Sapphire (AlInGaN)
- Color: λ
dom = 624 nm (● red); λdom = 526 nm (● true green); λdom = 459 nm (● blue)
- Corrosion Robustness Class: 3B
- Qualifications: AEC-Q102 Qualified
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com