Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KRTBDSLP31-33 Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # KRTBDSLP31-33
Description  OSIRE™ E3030
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KRTBDSLP31-33 Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button KRTBDSLP31-33 Datasheet HTML 2Page - ams-OSRAM AG KRTBDSLP31-33 Datasheet HTML 3Page - ams-OSRAM AG KRTBDSLP31-33 Datasheet HTML 4Page - ams-OSRAM AG KRTBDSLP31-33 Datasheet HTML 5Page - ams-OSRAM AG KRTBDSLP31-33 Datasheet HTML 6Page - ams-OSRAM AG KRTBDSLP31-33 Datasheet HTML 7Page - ams-OSRAM AG KRTBDSLP31-33 Datasheet HTML 8Page - ams-OSRAM AG KRTBDSLP31-33 Datasheet HTML 9Page - ams-OSRAM AG KRTBDSLP31-33 Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
KRTB DSLP31.33
DATASHEET
DATASHEET
6 | Version 1.2 | 2025-11-12
Brightness Groups
● red
Group
Luminous Flux 1)
Luminous Flux 1)
I
F = 200 mA
I
F = 200 mA
min.
max.
Φ
V
Φ
V
7G
22.4 lm
25.0 lm
8G
25.0 lm
28.0 lm
5H
28.0 lm
31.5 lm
6H
31.5 lm
35.5 lm
7H
35.5 lm
40.0 lm
8H
40.0 lm
45.0 lm
Brightness Groups
● true green
Group
Luminous Flux 1)
Luminous Flux 1)
I
F = 150 mA
I
F = 150 mA
min.
max.
Φ
V
Φ
V
5H
28.0 lm
31.5 lm
6H
31.5 lm
35.5 lm
7H
35.5 lm
40.0 lm
8H
40.0 lm
45.0 lm
5J
45.0 lm
50.0 lm
6J
50.0 lm
56.0 lm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com