Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KRTBDSLP31-33 Datasheet(PDF) 24 Page - ams-OSRAM AG

Part # KRTBDSLP31-33
Description  OSIRE™ E3030
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KRTBDSLP31-33 Datasheet(HTML) 24 Page - ams-OSRAM AG

Back Button KRTBDSLP31-33 Datasheet HTML 20Page - ams-OSRAM AG KRTBDSLP31-33 Datasheet HTML 21Page - ams-OSRAM AG KRTBDSLP31-33 Datasheet HTML 22Page - ams-OSRAM AG KRTBDSLP31-33 Datasheet HTML 23Page - ams-OSRAM AG KRTBDSLP31-33 Datasheet HTML 24Page - ams-OSRAM AG KRTBDSLP31-33 Datasheet HTML 25Page - ams-OSRAM AG KRTBDSLP31-33 Datasheet HTML 26Page - ams-OSRAM AG KRTBDSLP31-33 Datasheet HTML 27Page - ams-OSRAM AG KRTBDSLP31-33 Datasheet HTML 28Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
KRTB DSLP31.33
DATASHEET
DATASHEET
24 | Version 1.2 | 2025-11-12
Max. Permissible Forward Current 5)
I
F = f(T); ● blue
020406080
100
120
Ts /°C
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
IF /A
one chip on
:Ts
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; ● blue
10-6 10-5 10-4 10-3 0.01
0.11
10
/
0.3
0.4
0.5
0.6
IF /A
TS =0°C ... 111°C
KRTBDSLP31.33
:D =1.0
:D =0.5
:D =0.2
:D =0.1
:D =0.05
:D =0.02
:D =0.01
:D =0.005
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; ● blue
10-6 10-5 10-4 10-3 0.01
0.11
10
/
0.2
0.3
0.4
0.5
0.6
IF /A
TS = 125°C
KRTBDSLP31.33
:D =1.0
:D =0.5
:D =0.2
:D =0.1
:D =0.05
:D =0.02
:D =0.01
:D =0.005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com