Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AE40-UW Datasheet(PDF) 2 Page - CUI INC

Part # AE40-UW
Description  DC-DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AE40-UW Datasheet(HTML) 2 Page - CUI INC

  AE40-UW Datasheet HTML 1Page - CUI INC AE40-UW Datasheet HTML 2Page - CUI INC AE40-UW Datasheet HTML 3Page - CUI INC AE40-UW Datasheet HTML 4Page - CUI INC AE40-UW Datasheet HTML 5Page - CUI INC AE40-UW Datasheet HTML 6Page - CUI INC AE40-UW Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
cui.com
date 09/13/2017
│ page 2 of 7
CUI Inc
│ SERIES: AE40-UW │ DESCRIPTION: DC-DC CONVERTER
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
200
1500
Vdc
under voltage shutdown
shut-down range
turn-on range
170
180
185
195
Vdc
Vdc
current
at 200 Vdc
at 800 Vdc
at 1500 Vdc
320
80
42
mA
mA
mA
inrush current
at 200 Vdc
at 800 Vdc
at 1500 Vdc
30
80
150
A
A
A
input fuse
15 A / 1500 Vdc (external)
OUTPUT
parameter
conditions/description
min
typ
max
units
maximum capacitive load
12 Vdc output model
15 Vdc output model
24 Vdc output model
3,000
1,500
680
μF
μF
μF
voltage accuracy
±2
%
line regulation
from low line to high line, full load
±1
%
load regulation
from 0% to full load
±1
%
delay time
from Vin = 0 V to 90% of rated ouptut voltage
2
s
switching frequency
65
kHz
temperature coefficient
at full load
±0.02
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
12 Vdc, 15 Vdc output models
24 Vdc output model
20
30
Vdc
Vdc
over current protection
automatic recovery
120
320
%
short circuit protection
continuous, automatic recovery
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output for 1 minute
4,000
Vac
safety approvals
CSA (UL 1741), EN 62109
conducted emissions
CISPR22/EN55022, class A (external circuit required, see Figure 2)
radiated emissions
CISPR22/EN55022, class A (external circuit required, see Figure 2)
ESD
IEC/EN61000-4-2, contact ± 6kV/air ± 8kV, class B
radiated immunity
IEC/EN61000-4-3, 10V/m, class A
EFT/burst
IEC/EN61000-4-4, ± 2kV, class B (external circuit required, see Figure 2)
surge
IEC/EN61000-4-5, line-line ± 1kV, class B (external circuit required, see Figure 2)
conducted immunity
IEC/EN61000-4-6, 10 Vr.m.s, class A
magnetic field immunity
IEC/EN61000-4-8, 10 A/m, class A
MTBF
as per MIL-HDBK-217F, 25°C
300,000
hours
RoHS
2011/65/EU
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com