Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AE40-UW Datasheet(PDF) 5 Page - CUI INC

Part # AE40-UW
Description  DC-DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AE40-UW Datasheet(HTML) 5 Page - CUI INC

  AE40-UW Datasheet HTML 1Page - CUI INC AE40-UW Datasheet HTML 2Page - CUI INC AE40-UW Datasheet HTML 3Page - CUI INC AE40-UW Datasheet HTML 4Page - CUI INC AE40-UW Datasheet HTML 5Page - CUI INC AE40-UW Datasheet HTML 6Page - CUI INC AE40-UW Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
cui.com
date 09/13/2017
│ page 5 of 7
CUI Inc
│ SERIES: AE40-UW │ DESCRIPTION: DC-DC CONVERTER
EFFICIENCY CURVES (CONTINUED)
200
400
600
800
1000 1200
1400
1500
82
80
78
74
72
Input Voltage (Vdc)
84
76
86
88
10
20
30
40
50
60
70
80
90
100
80
75
70
65
60
55
Load Current (%)
50
85
AE40-UW-S15 Efficiency Curve
Efficiency vs. Input Voltage
AE40-UW-S15 Efficiency Curve
Efficiency vs. Load Current
200
400
600
800
1000
1200
1400
1500
85
84
83
81
80
Input Voltage (Vdc)
86
82
87
88
10
20
30
40
50
60
70
80
90
100
85
80
75
70
65
60
Load Current (%)
55
90
AE40-UW-S24 Efficiency Curve
Efficiency vs. Input Voltage
AE40-UW-S24 Efficiency Curve
Efficiency vs. Load Current
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com