Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AE40-UW Datasheet(PDF) 6 Page - CUI INC

Part # AE40-UW
Description  DC-DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AE40-UW Datasheet(HTML) 6 Page - CUI INC

  AE40-UW Datasheet HTML 1Page - CUI INC AE40-UW Datasheet HTML 2Page - CUI INC AE40-UW Datasheet HTML 3Page - CUI INC AE40-UW Datasheet HTML 4Page - CUI INC AE40-UW Datasheet HTML 5Page - CUI INC AE40-UW Datasheet HTML 6Page - CUI INC AE40-UW Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
cui.com
date 09/13/2017
│ page 6 of 7
CUI Inc
│ SERIES: AE40-UW │ DESCRIPTION: DC-DC CONVERTER
Figure 1
Table 1
+Vo
-Vo
TV S
+
+I NPUT
-INP UT
+V in
-V in
FU SE
C1 C2
RL
DC -D C
EMC RECOMMENDED CIRCUIT
FUSE
C1 C2 TVS RL
+Vin
-Vin
+Vo
-Vo
+INP UT
-INP UT
R1
R2
R3
R4
C3
C4
C5
C6
LC M
LD M
C7
C8
C9
C10
DC DC
-
Table 2
Figure 2
Recommended External Circuit Components
FUSE
15 A/1500 Vdc
C7, C8, C9, C10
104K/275 Vac
C3, C4, C5, C6
47 µF/450 Vdc
R1, R2, R3, R4
1 MΩ/2 W
LDM
330 µH/1 A
LCM
7 mH/1 A
Vout
(Vdc)
Fuse
C1
(μF)
C2
(μF)
TVS
12
15 A / 1500 Vdc
1
120
SMBJ20A
15
15 A / 1500 Vdc
1
120
SMBJ20A
24
15 A / 1500 Vdc
1
68
SMBJ30A
APPLICATION CIRCUIT
Note: See also Table 1.
Notes:
1. C1 is a ceramic capacitor used to filter high frequency noise.
2. C2 is electrolytic and is recommended to be high frequency and low resistance. For capacitance and current of the capacitor, refer to the datasheet provided by the
manufacturer. Capacitance withstand voltage derating should be 80% or above.
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com