Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AE40-UW Datasheet(PDF) 3 Page - CUI INC

Part # AE40-UW
Description  DC-DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AE40-UW Datasheet(HTML) 3 Page - CUI INC

  AE40-UW Datasheet HTML 1Page - CUI INC AE40-UW Datasheet HTML 2Page - CUI INC AE40-UW Datasheet HTML 3Page - CUI INC AE40-UW Datasheet HTML 4Page - CUI INC AE40-UW Datasheet HTML 5Page - CUI INC AE40-UW Datasheet HTML 6Page - CUI INC AE40-UW Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
cui.com
date 09/13/2017
│ page 3 of 7
CUI Inc
│ SERIES: AE40-UW │ DESCRIPTION: DC-DC CONVERTER
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curves
-40
70
°C
storage temperature
-40
85
°C
storage humidity
non-condensing
95
%
altitude
see derating curves
5000
m
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
for 3~5 seconds
350
360
370
°C
wave soldering
for 5~10 seconds
255
260
265
°C
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
125.00 x 75.00 x 40.00 [4.921 x 2.953 x 1.575 inch]
mm
case material
black flame-retardant heat-proof plastic (UL94V-0)
weight
410
g
MECHANICAL DRAWING
units: mm [inch]
tolerance: ±0.50[±0.020]
pin diameter tolerance: ±0.10[±0.004]
pin height tolerance: ±1.50[±0.059]
In high vibration environments, this series
should be mounted with screws.
tightening torque: max 0.4 N*m
PIN CONNECTIONS
PIN
Function
1
-Vin
2
+Vin
3
NC
4
-Vout
5
+Vout
NC=no connection
Recommended PCB Layout
Top View
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com