Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA9063L Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # DA9063L
Description  System PMIC for Mobile and Automotive Applications
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9063L Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button DA9063L Datasheet HTML 35Page - Dialog Semiconductor DA9063L Datasheet HTML 36Page - Dialog Semiconductor DA9063L Datasheet HTML 37Page - Dialog Semiconductor DA9063L Datasheet HTML 38Page - Dialog Semiconductor DA9063L Datasheet HTML 39Page - Dialog Semiconductor DA9063L Datasheet HTML 40Page - Dialog Semiconductor DA9063L Datasheet HTML 41Page - Dialog Semiconductor DA9063L Datasheet HTML 42Page - Dialog Semiconductor DA9063L Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 173 page
background image
DA9063L
System PMIC for Mobile and Automotive Applications
Datasheet
DA9063L_2v1
05-Apr-2017
CFR0011-120-00
39 of 173
© 2017 Dialog Semiconductor
5.8.3
BUCKMEM
Table 20: BUCKMEM, TJ = -40 ºC to +125 ºC
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input voltage
VDD
VDD = VSYS
2.8
5.5
V
Output capacitor
COUT
Including voltage and
temperature coefficient
-50 %
2 * 22
+30 %
µF
Merged mode
2 * 47
Output capacitor ESR
Including wiring parasitics
f > 100 kHz
COUT = 2 * 22 μF
15
50
mΩ
COUT = 2 * 47 μF
7.5
25
Inductor value
LBUCK
Including current and
temperature dependence
0.7
1.0
1.3
µH
Inductor resistance
LESR
55
100
mΩ
Output voltage
VBUCK
Programmable in 20 mV
steps
0.8
3.34
V
Output voltage accuracy
Including static line/load
regulation and voltage
ripple
IOUT = IMAX
Note 1
-3
+3
%
Excluding static line/load
regulation and voltage
ripple
TA = 25 °C
VDD = 5 V
VBUCK > 1 V
-2
+2
Transient load regulation
VTR_LD
VDD = 3.6 V
VBUCK = 1.2 V
IOUT = 200 mA / 0.8 * IMAX
dI/dt = 3 A/µs
Note 2
-4
+4
%
Transient line regulation
VTR_LINE
VDD = 3.0 V to 3.6 V
IOUT = 500 mA
tr = tf = 10 µs
0.2
3
mV
Output current
IMAX
1500
mA
Current limit
(programmable)
ILIM
Note 3
BMEM_ILIM = 0000
-20 %
1500
+20 %
mA
BMEM_ILIM = 1111
-20 %
3000
+20 %
mA
Quiescent current in
OFF mode
IQ_OFF
1
µA
Quiescent current in
PWM mode
IQ_ON
IOUT = 0 mA
9
mA
Switching frequency
Note 4
f
OSC_FRQ = 0000
2.85
3
3.15
MHz
Switching duty cycle
D
14.5
100
%
Output pull-down resistor
VBUCK = 0.5 V
80
200
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com