Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA9063L Datasheet(PDF) 68 Page - Dialog Semiconductor

Part # DA9063L
Description  System PMIC for Mobile and Automotive Applications
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9063L Datasheet(HTML) 68 Page - Dialog Semiconductor

Back Button DA9063L Datasheet HTML 64Page - Dialog Semiconductor DA9063L Datasheet HTML 65Page - Dialog Semiconductor DA9063L Datasheet HTML 66Page - Dialog Semiconductor DA9063L Datasheet HTML 67Page - Dialog Semiconductor DA9063L Datasheet HTML 68Page - Dialog Semiconductor DA9063L Datasheet HTML 69Page - Dialog Semiconductor DA9063L Datasheet HTML 70Page - Dialog Semiconductor DA9063L Datasheet HTML 71Page - Dialog Semiconductor DA9063L Datasheet HTML 72Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 173 page
background image
DA9063L
System PMIC for Mobile and Automotive Applications
Datasheet
DA9063L_2v1
05-Apr-2017
CFR0011-120-00
68 of 173
© 2017 Dialog Semiconductor
Events on GPI10 can be used to control the progress of the power sequencer. Processing ID
WAIT_STEP causes the sequencer to wait until GPI10 changes into its active state.
Note
Supplies directly enabled/disabled from GPI1, 2, or 13 have to be excluded from the power sequencer control
(IDs of these supplies should point into a slot higher than MAX_COUNT)
If defined as an output, GPO0, 1, 3 to 6, 10 to 11, and 13 to 15 can be configured to be open-drain
instead of push-pull. The supply rail can be individually selected from either VDD_IO1 or VDD_IO2.
By disabling the internal 120
kΩ pull-up resistor when in open-drain mode, the GPO can also be
supplied from an external rail (see registers CONFIG_K and CONFIG_L). The GPO output state
reflects the respective register bit GPIOx_MODE.
When configured as outputs, GPO 2, 7, 8, 9, and 11 can be controlled by the DA9063L power
sequencer. Five pairs of level asserting and level releasing IDs (GP_RISE1_STEP/
GP_FALL1_STEP to GP_RISE5_STEP/GP_FALL5_STEP) may be assigned individually to slots of
the power sequencer, which trigger the configured level transition on the GPOs when processing the
related ID during powering up (see Table 31 for assignments). The configured level change is
inverted when processing the IDs during powering down. These are intended for use as enable
signals either for external regulators or other devices in the system.
When the GPIO unit is off (POR), all ports are configured as open drain output with high level (pass
device switched off, high impedance state). When leaving POR, the pull-up or pull-down resistors are
configured from registers CONFIG_K and CONFIG_L. When the GPIO unit is temporarily disabled by
the power sequencer (via GPI_DIS or PMCONT_DIS) level transitions on inputs are no longer
detected and I/O drivers keep their configuration and programmed levels.
GPO12 can be driven by the state of VDD_MON to provide an active high ‘Power good’ signal
(selected via GPIO12_PIN).
GPO10, 11, 14, and 15 are extended power GPO ports, where the maximum sink current is 11 mA
and the maximum source current is 4 mA. This enables driving LEDs. The output ports GPO11,
GPO14, and GPO15 can be toggled with a configurable periodic pulse configured via BLINK_FRQ
and BLINK_DUR and include an optional PWM control. The generated PWM signals have a duty
cycle from 0 % to 100 % with a repetition frequency of 21 kHz and 95 steps (using one 2 MHz clock
for each step). The duty cycle is set by the controls GPO11_PWM, GPO14_PWM, and
GPO15_PWM, with any value larger than 0 enabling the PWM mode of operation. The PWM control
can also be made to dim the brightness between its current value and a new value at a rate of 32 ms
per step. Selection of this mode is set by GPO11_DIM, GPO14_DIM, and GPO15_DIM. When set to
zero the PWM ratio immediately changes. This creates a common anode tricolor LED brightness
control. Flashing is driven from the crystal oscillator when control CRYSTAL has been asserted;
otherwise an auxiliary on-chip oscillator is used.
LEDs are recommended to be low-side driven (using the GPIOs in sink mode) which is configured by
setting GPIOx_MODE = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com