Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA9063L Datasheet(PDF) 40 Page - Dialog Semiconductor

Part # DA9063L
Description  System PMIC for Mobile and Automotive Applications
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9063L Datasheet(HTML) 40 Page - Dialog Semiconductor

Back Button DA9063L Datasheet HTML 36Page - Dialog Semiconductor DA9063L Datasheet HTML 37Page - Dialog Semiconductor DA9063L Datasheet HTML 38Page - Dialog Semiconductor DA9063L Datasheet HTML 39Page - Dialog Semiconductor DA9063L Datasheet HTML 40Page - Dialog Semiconductor DA9063L Datasheet HTML 41Page - Dialog Semiconductor DA9063L Datasheet HTML 42Page - Dialog Semiconductor DA9063L Datasheet HTML 43Page - Dialog Semiconductor DA9063L Datasheet HTML 44Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 173 page
background image
DA9063L
System PMIC for Mobile and Automotive Applications
Datasheet
DA9063L_2v1
05-Apr-2017
CFR0011-120-00
40 of 173
© 2017 Dialog Semiconductor
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Disabled via
BMEM_PD_DIS
PMOS ON resistance
RPMOS
Including pin and routing
VSYS = 3.6 V
160
m
Ω
NMOS ON resistance
RNMOS
Including pin and routing
VSYS = 3.6 V
60
m
Ω
Efficiency
Note 5
η
VDD = 3.6 V
VBUCK = 1.2 V
IOUT = 0.1 mA to 0.7 * IMAX
83
%
PFM Mode
Output voltage
VBUCK
Programmable in 20 mV
steps
0.8
3.34
V
Typical automatic mode
switching current
260
mA
Output current
IMAX
300
mA
Current limit
ILIM
600
mA
Quiescent current
IQ_PFM
IOUT = 0 mA
Forced PFM mode
22
25
µA
AUTO mode
30
35
Frequency of operation
f
0
3
MHz
Efficiency
Note 5
η
VDD = 3.6 V
VBUCK = 1.2 V
IOUT = 10 mA
86
%
Note 1
Minimum tolerance 35 mV
Note 2
Measured at COUT, depends on parasitics of PCB and external components when remote sensing
Note 3
The current limits are automatically doubled when BUCKMEM is merged with BUCKIO
Note 4
Generated from internal 6 MHz oscillator and can be adjusted by ± 10 % via control OSC_FRQ
Note 5
Depends on external components and PCB routing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com