Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP87322B/D Datasheet(PDF) 31 Page - Texas Instruments

Part # LP87322B/D
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87322B/D Datasheet(HTML) 31 Page - Texas Instruments

Back Button LP87322B/D Datasheet HTML 27Page - Texas Instruments LP87322B/D Datasheet HTML 28Page - Texas Instruments LP87322B/D Datasheet HTML 29Page - Texas Instruments LP87322B/D Datasheet HTML 30Page - Texas Instruments LP87322B/D Datasheet HTML 31Page - Texas Instruments LP87322B/D Datasheet HTML 32Page - Texas Instruments LP87322B/D Datasheet HTML 33Page - Texas Instruments LP87322B/D Datasheet HTML 34Page - Texas Instruments LP87322B/D Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 75 page
background image
Time
Voltage
VOUTx
300 mV
Time
Current
ILIMx
INT_LDO(LDOx_ILIM_INT)
20Ps
nINT
LDO_STAT(LDOx_STAT)
1
Resistive
pull-down
1
Regulator disabled
by digital
Host clearing the interrupt by writing to flags
New startup if
enable is valid
1ms
0
1
0
0
INT_LDO(LDOx_SC_INT)
0
1
0
31
LP87322B-Q1, LP87322D-Q1, LP87322E-Q1, LP87322F-Q1
www.ti.com
SNVSAC5 – SEPTEMBER 2017
Product Folder Links: LP87322B-Q1 LP87322D-Q1 LP87322E-Q1 LP87322F-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 17. LDO Regulator Overload Situation
8.3.8.2.2
Thermal Warning
The LP87322B/D/E/F-Q1 device includes a protection feature against overtemperature by setting an interrupt for
host processor. The threshold level of the thermal warning is selected with TDIE_WARN_LEVEL bit in CONFIG
register.
If the LP87322B/D/E/F-Q1 device temperature increases above thermal warning level the device sets
TDIE_WARN_INT bit in INT_TOP_1 register and pulls the nINT pin low. The status of the thermal warning can
be read from TDIE_WARN_STAT bit in TOP_STAT register, and the interrupt is cleared by writing 1 to
TDIE_WARN_INT bit. The thermal warning interrupt can be masked by setting TDIE_WARN_MASK bit in
TOP_MASK_1 register to 1.
8.3.8.3 Protection (Regulator Disable)
If the regulator is disabled because of protection or fault (short-circuit protection, overload protection, thermal
shutdown, input overvoltage protection, or UVLO), the output power FETs are set to high-impedance mode, and
the output pulldown resistor is enabled (if enabled with BUCKx_RDIS_EN bit in BUCKx_CTRL_1 register and
LDOx_RDIS_EN bit in LDOx_CTRL register). The turnoff time of the output voltage is defined by the output
capacitance, load current, and the resistance of the integrated pull-down resistor. The pulldown resistors are
active as long as VANA voltage is above approximately a 1.2-V level.
8.3.8.3.1
Short-Circuit and Overload Protection
A short-circuit protection feature allows the LP87322B/D/E/F-Q1 to protect itself and external components
against short circuit at the output or against overload during start-up. For buck and LDO regulators the fault
thresholds are about 350 mV (buck) and 300 mV (LDO), and the protection is triggered and the regulator is
disabled if the output voltage is below the threshold level 1 ms after the regulator is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com