Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP87322B/D Datasheet(PDF) 43 Page - Texas Instruments

Part # LP87322B/D
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87322B/D Datasheet(HTML) 43 Page - Texas Instruments

Back Button LP87322B/D Datasheet HTML 39Page - Texas Instruments LP87322B/D Datasheet HTML 40Page - Texas Instruments LP87322B/D Datasheet HTML 41Page - Texas Instruments LP87322B/D Datasheet HTML 42Page - Texas Instruments LP87322B/D Datasheet HTML 43Page - Texas Instruments LP87322B/D Datasheet HTML 44Page - Texas Instruments LP87322B/D Datasheet HTML 45Page - Texas Instruments LP87322B/D Datasheet HTML 46Page - Texas Instruments LP87322B/D Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 75 page
background image
43
LP87322B-Q1, LP87322D-Q1, LP87322E-Q1, LP87322F-Q1
www.ti.com
SNVSAC5 – SEPTEMBER 2017
Product Folder Links: LP87322B-Q1 LP87322D-Q1 LP87322E-Q1 LP87322F-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Bits
Field
Type
Default
Description
7:0
BUCK1_VSET[7:0]
R/W
LP87322B:
0x75,
LP87322D
: 0xB1,
LP87322E:
0x93,
LP87322F:
0xA2*
Sets the output voltage of Buck0 regulator
Reserved, DO NOT USE
0x00 ... 0x13
0.7 V - 0.73 V, 10 mV steps
0x14 - 0.7V
...
0x17 - 0.73 V
0.73 V - 1.4 V, 5 mV steps
0x18 - 0.735 V
...
0x9D - 1.4 V
1.4 V - 3.36 V, 20 mV steps
0x9E - 1.42 V
...
0xFF - 3.36 V
8.6.1.9 LDO0_CTRL
Address: 0x08
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
LDO0_RDIS_E
N
LDO0_EN_PIN
_CTRL
LDO0_EN
Bits
Field
Type
Default
Description
7:3
Reserved
R/W
0 0000
2
LDO0_RDIS_EN
R/W
1
Enable output discharge resistor (RDIS_LDOx) when LDO0 is disabled:
0 - Discharge resistor disabled
1 - Discharge resistor enabled.
1
LDO0_EN_PIN
_CTRL
R/W
0 *
Enable control for LDO0:
0 - only LDO0_EN bit controls LDO0
1 - LDO0_EN bit AND EN pin control LDO0.
0
LDO0_EN
R/W
0 *
Enable LDO0 regulator:
0 - LDO0 regulator is disabled
1 - LDO0 regulator is enabled.
8.6.1.10 LDO1_CTRL
Address: 0x09
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
LDO1_RDIS_E
N
LDO1_EN_PIN
_CTRL
LDO1_EN
Bits
Field
Type
Default
Description
7:3
Reserved
R/W
0 0000
2
LDO1_RDIS_EN
R/W
1
Enable output discharge resistor (RDIS_LDOx) when LDO1 is disabled:
0 - Discharge resistor disabled
1 - Discharge resistor enabled.
1
LDO1_EN_PIN
_CTRL
R/W
0 *
Enable control for LDO1:
0 - only LDO1_EN bit controls LDO1
1 - LDO1_EN bit AND EN pin control LDO1.
0
LDO1_EN
R/W
0 *
Enable LDO1 regulator:
0 - LDO1 regulator is disabled
1 - LDO1 regulator is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com