Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP87322B/D Datasheet(PDF) 49 Page - Texas Instruments

Part # LP87322B/D
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87322B/D Datasheet(HTML) 49 Page - Texas Instruments

Back Button LP87322B/D Datasheet HTML 45Page - Texas Instruments LP87322B/D Datasheet HTML 46Page - Texas Instruments LP87322B/D Datasheet HTML 47Page - Texas Instruments LP87322B/D Datasheet HTML 48Page - Texas Instruments LP87322B/D Datasheet HTML 49Page - Texas Instruments LP87322B/D Datasheet HTML 50Page - Texas Instruments LP87322B/D Datasheet HTML 51Page - Texas Instruments LP87322B/D Datasheet HTML 52Page - Texas Instruments LP87322B/D Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 75 page
background image
49
LP87322B-Q1, LP87322D-Q1, LP87322E-Q1, LP87322F-Q1
www.ti.com
SNVSAC5 – SEPTEMBER 2017
Product Folder Links: LP87322B-Q1 LP87322D-Q1 LP87322E-Q1 LP87322F-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Bits
Field
Type
Default
Description
7:4
Reserved
R/W
0000
3
PG_FAULT_LDO1
R/W
0
Source for PGOOD inactive signal:
0 - LDO1 has not set PGOOD signal inactive.
1 - LDO1 is selected for PGOOD signal and it has set PGOOD signal inactive. This bit
can be cleared by writing '1' to this bit when LDO1 output is valid.
2
PG_FAULT_LDO0
R/W
0
Source for PGOOD inactive signal:
0 - LDO0 has not set PGOOD signal inactive.
1 - LDO0 is selected for PGOOD signal and it has set PGOOD signal inactive. This bit
can be cleared by writing '1' to this bit when LDO0 output is valid.
1
PG_FAULT_BUCK
1
R/W
0
Source for PGOOD inactive signal:
0 - Buck1 has not set PGOOD signal inactive.
1 - Buck1 is selected for PGOOD signal and it has set PGOOD signal inactive. This bit
can be cleared by writing '1' to this bit when Buck1 output is valid.
0
PG_FAULT_BUCK
0
R/W
0
Source for PGOOD inactive signal:
0 - Buck0 has not set PGOOD signal inactive.
1 - Buck0 is selected for PGOOD signal and it has set PGOOD signal inactive. This bit
can be cleared by writing '1' to this bit when Buck0 output is valid.
8.6.1.25 RESET
Address: 0x18
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
SW_RESET
Bits
Field
Type
Default
Description
7:1
Reserved
R/W
000 0000
0
SW_RESET
R/W
0
Software commanded reset. When written to 1, the registers will be reset to default
values, OTP memory is read, and the I2C interface is reset.
The bit is automatically cleared.
8.6.1.26 INT_TOP_1
Address: 0x19
D7
D6
D5
D4
D3
D2
D1
D0
PGOOD_INT
LDO_INT
BUCK_INT
SYNC_CLK_IN
T
TDIE_SD_INT
TDIE_WARN_I
NT
OVP_INT
I_MEAS_INT
Bits
Field
Type
Default
Description
7
PGOOD_INT
R/W
0
Latched status bit indicating that the PGOOD pin has changed from active to inactive.
Write 1 to clear interrupt.
6
LDO_INT
R
0
Interrupt indicating that LDO1 and/or LDO0 have a pending interrupt. The reason for
the interrupt is indicated in INT_LDO register.
This bit is cleared automatically when INT_LDO register is cleared to 0x00.
5
BUCK_INT
R
0
Interrupt indicating that Buck1 and/or Buck0 have a pending interrupt. The reason for
the interrupt is indicated in INT_BUCK register.
This bit is cleared automatically when INT_BUCK register is cleared to 0x00.
4
SYNC_CLK_INT
R/W
0
Latched status bit indicating that the external clock has appeared or disappeared.
Write 1 to clear interrupt.
3
TDIE_SD_INT
R/W
0
Latched status bit indicating that the die junction temperature has exceeded the
thermal shutdown level. The regulators have been disabled if they were enabled and
GPO and GPO2 signals are driven low. The regulators cannot be enabled if this bit is
active. The actual status of the thermal shutdown is indicated by TDIE_SD_STAT bit in
TOP_STAT register.
Write 1 to clear interrupt.
2
TDIE_WARN_INT
R/W
0
Latched status bit indicating that the die junction temperature has exceeded the
thermal warning level. The actual status of the thermal warning is indicated by
TDIE_WARN_STAT bit in TOP_STAT register.
Write 1 to clear interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com