Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP87322B/D Datasheet(PDF) 1 Page - Texas Instruments

Part # LP87322B/D
Description  Dual High-Current Buck Converter and Dual Linear Regulator
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87322B/D Datasheet(HTML) 1 Page - Texas Instruments

  LP87322B/D Datasheet HTML 1Page - Texas Instruments LP87322B/D Datasheet HTML 2Page - Texas Instruments LP87322B/D Datasheet HTML 3Page - Texas Instruments LP87322B/D Datasheet HTML 4Page - Texas Instruments LP87322B/D Datasheet HTML 5Page - Texas Instruments LP87322B/D Datasheet HTML 6Page - Texas Instruments LP87322B/D Datasheet HTML 7Page - Texas Instruments LP87322B/D Datasheet HTML 8Page - Texas Instruments LP87322B/D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 75 page
background image
Output Current (A)
0.001
0.01
0.1
1
2
50
60
70
80
90
100
D002
Vin=3.7V, Vout=1.0V
Vin=3.7V, Vout=1.8V
Vin=3.7V, Vout=2.5V
SW_B0
VIN_B0
VIN_B1
VANA
VIN
FB_B0
VOUT_B0
LOAD
SDA
SCL
nINT
CLKIN (GPO2)
GNDs
EN
GPO
SW_B1
FB_B1
VOUT_B1
LOAD
PGOOD
VOUT_LDO1
VOUT_LDO0
VIN_LDO0
VIN_LDO1
VOUT_LDO0
VOUT_LDO1
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
LP87322B-Q1, LP87322D-Q1, LP87322E-Q1, LP87322F-Q1
SNVSAC5 – SEPTEMBER 2017
LP87322B/D/E/F-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
1
1 Features
1
•
AEC-Q100 Qualified With the Following Results:
–
Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
•
Input Voltage: 2.8 V to 5.5 V
•
Two High-Efficiency Step-Down DC-DC
Converters:
–
Output Voltage: 0.7 V to 3.36 V
–
Maximum Output Current 2 A
–
Programmable Output-Voltage Slew Rate from
0.5 mV/µs to 10 mV/µs
–
2-MHz Switching Frequency
–
Spread-Spectrum Mode and Phase
Interleaving for EMI Reduction
•
Two Linear Regulators:
–
Input Voltage: 2.5 V to 5.5 V
–
Output Voltage: 0.8 V to 3.3 V
–
Maximum Output Current 300 mA
•
Configurable General-Purpose Output Signals
(GPO, GPO2)
•
Interrupt Function with Programmable Masking
•
Programmable Power-Good Signal (PGOOD)
•
Output Short-Circuit and Overload Protection
•
Overtemperature Warning and Protection
•
Overvoltage Protection (OVP) and Undervoltage
Lockout (UVLO)
•
28-pin, 5-mm × 5-mm VQFN Package with
Wettable Flanks
Simplified Schematic
2 Applications
•
Automotive Head Unit and Cluster
•
Automotive Camera Module
•
Surround View System ECU
•
Radar System ECU
•
Automotive Display
3 Description
The LP87322B/D/E/F-Q1 is designed to meet the
power
management
requirements
of
the
latest
processors and platforms in automotive camera and
radar applications. The device contains two step-
down DC-DC converters and two linear regulators
and
general-purpose
digital-output
signals.
The
device is controlled by an I2C-compatible serial
interface and by an enable signal.
The automatic PWM/PFM (AUTO mode) operation
gives high efficiency over a wide output-current
range. The LP87322B/D/E/F-Q1 supports remote
voltage sensing to compensate IR drop between the
regulator output and the point-of-load (POL) thus
improving the accuracy of the output voltage. In
addition the switching clock can be forced to PWM
mode and also synchronized to an external clock to
minimize the disturbances.
The
LP87322B/D/E/F-Q1
device
also
supports
programmable start-up and shutdown delays and
sequences including GPO signals synchronized to
the enable signal. During start-up and voltage
change, the device controls the output slew rate to
minimize output voltage overshoot and the in-rush
current.
Device Information
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LP87322E/F
VQFN (28)
5.00 mm × 5.00 mm
LP87322B/D
(preview)
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
DC-DC Efficiency vs Output Current


Similar Part No. - LP87322B/D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP87322B-Q1 TI1-LP87322B-Q1 Datasheet
3Mb / 73P
Dual High-Current Buck Converter and Dual Linear Regulator
More results

Similar Description - LP87322B/D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP87332B-Q1 TI1-LP87332B-Q1 Datasheet
3Mb / 73P
Dual High-Current Buck Converter and Dual Linear Regulator
LP873222-Q1 TI1-LP873222-Q1 Datasheet
3Mb / 73P
Dual High-Current Buck Converter and Dual Linear Regulator
LP87322B-Q1 TI1-LP87322B-Q1 Datasheet
3Mb / 73P
Dual High-Current Buck Converter and Dual Linear Regulator
LP87332A-Q1 TI1-LP87332A-Q1 Datasheet
2Mb / 70P
Dual High-Current Buck Converter and Dual Linear Regulator
LP87332D-Q1 TI1-LP87332D-Q1_17 Datasheet
3Mb / 73P
Dual High-Current Buck Converter and Dual Linear Regulator
LP873220 TI1-LP873220 Datasheet
3Mb / 74P
Dual High-Current Buck Converter and Dual Linear Regulator
LP873220-Q1 TI1-LP873220-Q1_17 Datasheet
3Mb / 73P
Dual High-Current Buck Converter and Dual Linear Regulator
LP87332A-Q1 TI1-LP87332A-Q1_18 Datasheet
3Mb / 73P
Dual High-Current Buck Converter and Dual Linear Regulator
LP8732-Q1 TI1-LP8732-Q1 Datasheet
6Mb / 85P
Dual High-Current Buck Converter and Dual Linear Regulator
LP8733-Q1 TI1-LP8733-Q1 Datasheet
6Mb / 85P
Dual High-Current Buck Converter and Dual Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com