Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4539-E/MLSQTP Datasheet(PDF) 278 Page - Microchip Technology

Part # PIC18F4539-E/MLSQTP
Description  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4539-E/MLSQTP Datasheet(HTML) 278 Page - Microchip Technology

Back Button PIC18F4539-E/MLSQTP Datasheet HTML 274Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 275Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 276Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 277Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 278Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 279Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 280Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 281Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 282Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 322 page
background image
PIC18FXX39
DS30485A-page 276
Preliminary
 2002 Microchip Technology Inc.
FIGURE 23-12:
EXAMPLE SPI MASTER MODE TIMING (CKE = 0)
TABLE 23-11: EXAMPLE SPI MODE REQUIREMENTS (MASTER MODE, CKE = 0)
Param.
No.
Symbol
Characteristic
Min
Max Units Conditions
70
TssL2scH,
TssL2scL
SS
↓ to SCK↓ or SCK↑ input
TCY
—ns
71
TscH
SCK input high time
(Slave mode)
Continuous
1.25 TCY + 30
—
ns
71A
Single Byte
40
—
ns
(Note 1)
72
TscL
SCK input low time
(Slave mode)
Continuous
1.25 TCY + 30
—
ns
72A
Single Byte
40
—
ns
(Note 1)
73
TdiV2scH,
TdiV2scL
Setup time of SDI data input to SCK edge
100
—
ns
73A
TB2B
Last clock edge of Byte 1 to the 1st clock edge of Byte 2 1.5 TCY + 40
—
ns
(Note 2)
74
TscH2diL,
TscL2diL
Hold time of SDI data input to SCK edge
100
—
ns
75
TdoR
SDO data output rise time
PIC18FXXXX
—
25
ns
PIC18LFXXXX
—
60
ns
VDD = 2V
76
TdoF
SDO data output fall time
PIC18FXXXX
—
25
ns
PIC18LFXXXX
—
60
ns
VDD = 2V
78
TscR
SCK output rise time
(Master mode)
PIC18FXXXX
—
25
ns
PIC18LFXXXX
—
60
ns
VDD = 2V
79
TscF
SCK output fall time (Master mode) PIC18FXXXX
—
25
ns
PIC18LFXXXX
—
60
ns
VDD = 2V
80
TscH2doV,
TscL2doV
SDO data output valid after SCK
edge
PIC18FXXXX
—
50
ns
PIC18LFXXXX
—
150
ns
VDD = 2V
Note 1: Requires the use of Parameter # 73A.
2: Only if Parameter # 71A and # 72A are used.
SS
SCK
(CKP = 0)
SCK
(CKP = 1)
SDO
SDI
70
71
72
73
74
75, 76
78
79
80
79
78
MSb
LSb
bit6 - - - - - -1
MSb In
LSb In
bit6 - - - -1
Note:
Refer to Figure 23-4 for load conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com