Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4539-E/SOSQTP Datasheet(PDF) 197 Page - Microchip Technology

Part # PIC18F4539-E/SOSQTP
Description  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4539-E/SOSQTP Datasheet(HTML) 197 Page - Microchip Technology

Back Button PIC18F4539-E/SOSQTP Datasheet HTML 193Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 194Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 195Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 196Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 197Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 198Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 199Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 200Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 201Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 322 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS30485A-page 195
PIC18FXX39
20.0 SPECIAL FEATURES OF THE
CPU
There are several features intended to maximize sys-
tem reliability, minimize cost through elimination of
external components, provide power saving Operating
modes and offer code protection. These are:
• OSC Selection
• RESET
- Power-on Reset (POR)
- Power-up Timer (PWRT)
- Oscillator Start-up Timer (OST)
- Brown-out Reset (BOR)
• Interrupts
• Watchdog Timer (WDT)
• SLEEP
• Code Protection
• ID Locations
• In-Circuit Serial Programming
All PIC18FXX39 devices have a Watchdog Timer,
which is permanently enabled via the configuration bits,
or software controlled. It runs off its own RC oscillator
for added reliability. There are two timers that offer nec-
essary delays on power-up. One is the Oscillator
Start-up Timer (OST), intended to keep the chip in
RESET until the crystal oscillator is stable. The other is
the Power-up Timer (PWRT), which provides a fixed
delay on power-up only, designed to keep the part in
RESET while the power supply stabilizes. With these
two timers on-chip, most applications need no external
RESET circuitry.
SLEEP mode is designed to offer a very low current
Power-down mode. The user can wake-up from
SLEEP through external RESET, Watchdog Timer
Wake-up or through an interrupt. Several oscillator
options are also made available to allow the part to fit
the application. The RC oscillator option saves system
cost, while the LP crystal option saves power. A set of
configuration bits are used to select various options.
20.1
Configuration Bits
The configuration bits can be programmed (read as '0'),
or left unprogrammed (read as '1'), to select various
device configurations. These bits are mapped starting
at program memory location 300000h.
The user will note that address 300000h is beyond the
user program memory space. In fact, it belongs to the
configuration memory space (300000h - 3FFFFFh),
which can only be accessed using Table Reads and
Table Writes.
Programming the configuration registers is done in a
manner similar to programming the FLASH memory
(see Section 5.5.1). The only difference is the configu-
ration registers are written a byte at a time. The
sequence of events for programming configuration
registers is:
1.
Load table pointer with address of configuration
register being written.
2.
Write a single byte using the TBLWT instruction.
3.
Set EEPGD to point to program memory, set the
CFGS bit to access configuration registers, and
set WREN to enable byte writes.
4.
Disable interrupts.
5.
Write 55h to EECON2.
6.
Write AAh to EECON2.
7.
Set the WR bit. This will begin the write cycle.
8.
CPU will stall for duration of write (approximately
2 ms using internal timer).
9.
Execute a NOP.
10. Re-enable interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com