Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4539-E/SOSQTP Datasheet(PDF) 31 Page - Microchip Technology

Part # PIC18F4539-E/SOSQTP
Description  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4539-E/SOSQTP Datasheet(HTML) 31 Page - Microchip Technology

Back Button PIC18F4539-E/SOSQTP Datasheet HTML 27Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 28Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 29Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 30Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 31Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 32Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 33Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 34Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 322 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS30485A-page 29
PIC18FXX39
IPR2
2439 4439 2539 4539
---1 1111
---1 1111
---u uuuu
PIR2
2439 4439 2539 4539
---0 0000
---0 0000
---u uuuu(3)
PIE2
2439 4439 2539 4539
---0 0000
---0 0000
---u uuuu
IPR1
2439 4439 2539 4539
1111 1111
1111 1111
uuuu uuuu
2439 4439 2539 4539
-111 1111
-111 1111
-uuu uuuu
PIR1
2439 4439 2539 4539
0000 0000
0000 0000
uuuu uuuu(3)
2439 4439 2539 4539
-000 0000
-000 0000
-uuu uuuu(3)
PIE1
2439 4439 2539 4539
0000 0000
0000 0000
uuuu uuuu
2439 4439 2539 4539
-000 0000
-000 0000
-uuu uuuu
TRISE
2439 4439 2539 4539
0000 -111
0000 -111
uuuu -uuu
TRISD
2439 4439 2539 4539
1111 1111
1111 1111
uuuu uuuu
TRISC*
2439 4439 2539 4539
1111 1111
1111 1111
uuuu uuuu
TRISB
2439 4439 2539 4539
1111 1111
1111 1111
uuuu uuuu
TRISA(5,6)
2439 4439 2539 4539
-111 1111(5)
-111 1111(5)
-uuu uuuu(5)
LATE
2439 4439 2539 4539
---- -xxx
---- -uuu
---- -uuu
LATD
2439 4439 2539 4539
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATC*
2439 4439 2539 4539
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATB
2439 4439 2539 4539
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATA(5,6)
2439 4439 2539 4539
-xxx xxxx(5)
-uuu uuuu(5)
-uuu uuuu(5)
PORTE
2439 4439 2539 4539
---- -000
---- -000
---- -uuu
PORTD
2439 4439 2539 4539
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTC*
2439 4439 2539 4539
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTB
2439 4439 2539 4539
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA(5,6)
2439 4439 2539 4539
-x0x 0000(5)
-u0u 0000(5)
-uuu uuuu(5)
TABLE 3-3:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets
WDT Reset
RESET
Instruction
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as '0', q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
* These registers are retained to maintain compatibility with PIC18FXX2 devices; however, one or more bits
are reserved. Users should not modify the value of these bits. See Section 4.9.2 for details.
Note 1: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
2: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3: One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
4: See Table 3-2 for RESET value for specific condition.
5: Bit 6 of PORTA, LATA, and TRISA are enabled in ECIO and RCIO Oscillator modes only. In all other
Oscillator modes, they are disabled and read ‘0’.
6: Bit 6 of PORTA, LATA and TRISA are not available on all devices. When unimplemented, they are read ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com