| Electronic Components Datasheet Search |
|
PIC18F4539-E/SOSQTP Datasheet(PDF) 92 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4539-E/SOSQTP Datasheet(HTML) 92 Page - Microchip Technology |
|
92 / 322 page ![]() PIC18FXX39 DS30485A-page 90 Preliminary 2002 Microchip Technology Inc. TABLE 9-5: PORTC FUNCTIONS TABLE 9-6: SUMMARY OF REGISTERS ASSOCIATED WITH PORTC Name Bit# Buffer Type Function RC0/T13CKI bit0 ST Input/output port pin or Timer1 oscillator output/Timer1 clock input. RC3/SCK/SCL bit3 ST RC3 can also be the synchronous serial clock for both SPI and I2C modes. RC4/SDI/SDA bit4 ST RC4 can also be the SPI Data In (SPI mode) or Data I/O (I2C mode). RC5/SDO bit5 ST Input/output port pin or Synchronous Serial Port data output. RC6/TX/CK bit6 ST Input/output port pin, Addressable USART Asynchronous Transmit, or Addressable USART Synchronous Clock. RC7/RX/DT bit7 ST Input/output port pin, Addressable USART Asynchronous Receive, or Addressable USART Synchronous Data. Legend: ST = Schmitt Trigger input Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on All Other RESETS PORTC RC7 RC6 RC5 RC4 RC3 * * RC0 xxxx xxxx uuuu uuuu LATC LATC7 LATC6 LATC5 LATC4 LATC3 * * LATC0 xxxx xxxx uuuu uuuu TRISC TRISC7 TRISC6 TRISC5 TRISC4 TRISC3 * * TRISC0 1111 1111 1111 1111 Legend: x = unknown, u = unchanged. Shaded cells are not used by PORTC. * Reserved bits; do not modify. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |