Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4539-E/SOSQTP Datasheet(PDF) 81 Page - Microchip Technology

Part # PIC18F4539-E/SOSQTP
Description  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4539-E/SOSQTP Datasheet(HTML) 81 Page - Microchip Technology

Back Button PIC18F4539-E/SOSQTP Datasheet HTML 77Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 78Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 79Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 80Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 81Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 82Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 83Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 84Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 322 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS30485A-page 79
PIC18FXX39
REGISTER 8-9:
IPR2: PERIPHERAL INTERRUPT PRIORITY REGISTER 2
U-0
U-0
U-0
R/W-1
R/W-1
R/W-1
R/W-1
U-1
—
—
—
EEIP(1)
BCLIP(1)
LVDIP(1) TMR3IP(1)
—
bit 7
bit 0
bit 7-5
Unimplemented: Read as '0'
bit 4
EEIP(1): Data EEPROM/FLASH Write Operation Interrupt Priority bit
1
= High priority
0
= Low priority
bit 3
BCLIP(1): Bus Collision Interrupt Priority bit
1
= High priority
0
= Low priority
bit 2
LVDIP(1): Low Voltage Detect Interrupt Priority bit
1
= High priority
0
= Low priority
bit 1
TMR3IP(1): TMR3 Overflow Interrupt Priority bit
1
= High priority
0
= Low priority
bit 0
Unimplemented: Read as ‘1’
Note 1: Maintain this bit cleared (= 0).
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com