Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4539-E/SOSQTP Datasheet(PDF) 91 Page - Microchip Technology

Part # PIC18F4539-E/SOSQTP
Description  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4539-E/SOSQTP Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC18F4539-E/SOSQTP Datasheet HTML 87Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 88Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 89Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 90Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 91Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 92Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 93Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 94Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 322 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS30485A-page 89
PIC18FXX39
9.3
PORTC, TRISC and LATC
Registers
PORTC is a 6-bit wide, bi-directional port. The corre-
sponding Data Direction register is TRISC. Setting a
TRISC bit (= 1) will make the corresponding PORTC
pin an input (i.e., put the corresponding output driver in
a High Impedance mode). Clearing a TRISC bit (= 0)
will make the corresponding PORTC pin an output (i.e.,
put the contents of the output latch on the selected pin).
The Data Latch register (LATC) is also memory
mapped. Read-modify-write operations on the LATC
register reads and writes the latched output value for
PORTC.
PORTC is multiplexed with the serial communication
functions (Table 9-5). PORTC pins have Schmitt
Trigger input buffers.
When enabling peripheral functions, care should be
taken in defining TRIS bits for each PORTC pin. Some
peripherals override the TRIS bit to make a pin an out-
put, while other peripherals override the TRIS bit to
make a pin an input. The user should refer to the corre-
sponding peripheral section for the correct TRIS bit
settings.
The pin override value is not loaded into the TRIS reg-
ister. This allows read-modify-write of the TRIS register,
without concern due to peripheral overrides.
EXAMPLE 9-3:
INITIALIZING PORTC
PIC18FXX39 devices differ from other PIC18 micro-
controllers in allocation of PORTC pins. For most
PIC18 devices, PORTC is an 8-bit-wide port. For the
PIC18FXX39 family, two of the PORTC pins (RC1 and
RC2) are re-allocated as PWM output only pins for use
with the Motor Control kernel. To maintain pinout com-
patibility with other PICmicro® devices, the remaining
PORTC pins are assigned in a manner consistent with
other PIC18 devices. For this reason, PORTC has pins
RC0 and RC3 through RC7, but not RC1 and RC2.
To maintain compatibility with PIC18FXX2 devices, the
individual port and corresponding latch and direction
bits for RC1 and RC2 are present in the appropriate
registers, but are not available to the user. To avoid
erratic device operation, the values of these bits should
not be modified.
FIGURE 9-7:
PORTC BLOCK DIAGRAM (PERIPHERAL OUTPUT OVERRIDE)
Note:
On a Power-on Reset, these pins are
configured as digital inputs.
CLRF
PORTC
; Initialize PORTC by
; clearing output
; data latches
CLRF
LATC
; Alternate method
; to clear output
; data latches
MOVLW 0xC
9
; Value used to
; initialize data
; direction
MOVWF TRISC
; Set RC<3>,RC<0> as inputs,
; RC<5:4> as outputs, and
; RC<7:6> as inputs
Data Bus
WR LATC or
WR TRISC
RD TRISC
Q
D
Q
CK
Q
D
EN
Peripheral Data Out
0
1
Q
D
Q
CK
RD PORTC
Peripheral Data In
WR PORTC
RD LATC
Peripheral Output
Schmitt
Port/Peripheral Select(2)
Enable(3)
P
N
VSS
VDD
I/O pin(1)
Note 1:
I/O pins have diode protection to VDD and VSS.
2:
Port/Peripheral Select signal selects between port data (input) and peripheral output.
3:
Peripheral Output Enable is only active if Peripheral Select is active.
Data Latch
TRIS Latch
Trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com