Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4539-E/SOSQTP Datasheet(PDF) 273 Page - Microchip Technology

Part # PIC18F4539-E/SOSQTP
Description  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4539-E/SOSQTP Datasheet(HTML) 273 Page - Microchip Technology

Back Button PIC18F4539-E/SOSQTP Datasheet HTML 269Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 270Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 271Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 272Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 273Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 274Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 275Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 276Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 277Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 322 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS30485A-page 271
PIC18FXX39
FIGURE 23-6:
CLKO AND I/O TIMING
TABLE 23-6:
CLKO AND I/O TIMING REQUIREMENTS
Param.
No.
Symbol
Characteristic
Min
Typ
Max
Units Conditions
10
TosH2ckL OSC1
↑ to CLKO↓
—75
200
ns
(Note 1)
11
TosH2ckH OSC1
↑ to CLKO↑
—75
200
ns
(Note 1)
12
TckR
CLKO rise time
—
35
100
ns
(Note 1)
13
TckF
CLKO fall time
—
35
100
ns
(Note 1)
14
TckL2ioV CLKO
↓ to Port out valid
—
—
0.5 TCY + 20
ns
(Note 1)
15
TioV2ckH Port in valid before CLKO
↑
0.25 TCY + 25
—
—
ns
(Note 1)
16
TckH2ioI Port in hold after CLKO
↑
0—
—
ns
(Note 1)
17
TosH2ioV OSC1
↑ (Q1 cycle) to Port out valid
—
50
150
ns
18
TosH2ioI OSC1
↑ (Q2 cycle) to Port
input invalid (I/O in hold time)
PIC18FXXXX
100
—
—
ns
18A
PIC18LFXXXX
200
—
—
ns
19
TioV2osH Port input valid to OSC1
↑ (I/O in setup time)
0
—
—
ns
20
TioR
Port output rise time
PIC18FXXXX
—10
25
ns
20A
PIC18LFXXXX
—
—
60
ns
VDD = 2V
21
TioF
Port output fall time
PIC18FXXXX
—10
25
ns
21A
PIC18LFXXXX
—
—
60
ns
VDD = 2V
22††
TINP
INT pin high or low time
TCY
——
ns
23††
TRBP
RB7:RB4 change INT high or low time
TCY
——
ns
24††
TRCP
RC7:RC4 change INT high or low time
20
ns
†† These parameters are asynchronous events not related to any internal clock edges.
Note 1: Measurements are taken in RC mode, where CLKO output is 4 x TOSC.
Note:
Refer to Figure 23-4 for load conditions.
OSC1
CLKO
I/O Pin
(input)
I/O Pin
(output)
Q4
Q1
Q2
Q3
10
13
14
17
20, 21
19
18
15
11
12
16
Old Value
New Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com