Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4539-E/SOSQTP Datasheet(PDF) 286 Page - Microchip Technology

Part # PIC18F4539-E/SOSQTP
Description  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4539-E/SOSQTP Datasheet(HTML) 286 Page - Microchip Technology

Back Button PIC18F4539-E/SOSQTP Datasheet HTML 282Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 283Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 284Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 285Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 286Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 287Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 288Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 289Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 290Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 322 page
background image
PIC18FXX39
DS30485A-page 284
Preliminary
 2002 Microchip Technology Inc.
FIGURE 23-20:
USART SYNCHRONOUS TRANSMISSION (MASTER/SLAVE) TIMING
TABLE 23-19: USART SYNCHRONOUS TRANSMISSION REQUIREMENTS
FIGURE 23-21:
USART SYNCHRONOUS RECEIVE (MASTER/SLAVE) TIMING
TABLE 23-20: USART SYNCHRONOUS RECEIVE REQUIREMENTS
121
121
120
122
RC6/TX/CK
RC7/RX/DT
pin
pin
Note:
Refer to Figure 23-4 for load conditions.
Param.
No.
Symbol
Characteristic
Min
Max
Units
Conditions
120
TckH2dtV SYNC XMIT (MASTER & SLAVE)
Clock high to data out valid
PIC18FXXXX
—
50
ns
PIC18LFXXXX
—
150
ns
VDD = 2V
121
Tckr
Clock out rise time and fall time
(Master mode)
PIC18FXXXX
—
25
ns
PIC18LFXXXX
—
60
ns
VDD = 2V
122
Tdtr
Data out rise time and fall time
PIC18FXXXX
—
25
ns
PIC18LFXXXX
—
60
ns
VDD = 2V
125
126
RC6/TX/CK
RC7/RX/DT
pin
pin
Note:
Refer to Figure 23-4 for load conditions.
Param.
No.
Symbol
Characteristic
Min
Max
Units
Conditions
125
TdtV2ckl SYNC RCV (MASTER & SLAVE)
Data hold before CK
↓ (DT hold time)
10
—
ns
126
TckL2dtl
Data hold after CK
↓ (DT hold time)
PIC18FXXXX
15
—
ns
PIC18LFXXXX
20
—
ns
VDD = 2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com