Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4539-E/SOSQTP Datasheet(PDF) 308 Page - Microchip Technology

Part # PIC18F4539-E/SOSQTP
Description  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4539-E/SOSQTP Datasheet(HTML) 308 Page - Microchip Technology

Back Button PIC18F4539-E/SOSQTP Datasheet HTML 304Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 305Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 306Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 307Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 308Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 309Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 310Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 311Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 312Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 322 page
background image
PIC18FXX39
DS30485A-page 306
Preliminary
 2002 Microchip Technology Inc.
APPENDIX C: CONVERSION
CONSIDERATIONS
The considerations for converting applications from
previous versions of PIC18 microcontrollers (i.e.,
PIC18FXX2 devices) are listed in Table C-1.
A specific list of resources that are unavailable to
PIC18FXX2 applications in PIC18FXX39 devices is
presented in Table C-2.
TABLE C-1:
CONVERSION CONSIDERATIONS BETWEEN PIC18FXX2 AND PIC18FXX39 DEVICES
TABLE C-2:
UNAVAILABLE RESOURCES (COMPARED TO PIC18FXX2)
Characteristic
PIC18FXX2
PIC18FXX39
Pins
28/40/44
28/40/44
Available Packages
DIP, PDIP, SOIC, PLCC, QFN, TQFP
DIP, PDIP, SOIC, QFN, TQFP
Voltage Range
2.0 - 5.5V
2.0 - 5.5V
Frequency Range
DC - 40 MHz
4 - 40 MHz (20 MHz optimal)
Available Program Memory (bytes)
16K or 32K
12K or 24K
Available Data RAM (bytes)
768 or 1536
640 or 1408
Data EEPROM
256
256
Interrupt Sources
17 or 18
15 or 16
Interrupt Priority Levels
Two levels:
low priority (vector at 0008h)
high priority (vector at 0018h)
One level when using Motor Control:
vector at 0008h
Timers (available to users)
4
3
Timer1 Oscillator option
yes
no
Oscillator Switching
yes
no
Capture/Compare/PWM
2 CCP
2 PWM only, available only through
Motor Control kernel
Motor Control Kernel
no
yes
A/D
10-bit, 5 or 8 channels,
7 conversion clock selects
10-bit, 5 or 8 channels,
7 conversion clock selects
Communications
PSP, AUSART, MSSP (SPI and I2C)
PSP, AUSART, MSSP (SPI and I2C)
Code Protection
By 8K block with separate 512-byte
boot block; protection from external
reads and writes, Table Read and
intra-block Table Read
By 8K block with separate 512-byte
boot block; protection from external
reads and writes, Table Read and intra-
block Table Read; Block 3 not protected
on PIC18FX539
Resource Type
Item(s)
I/O Resources
RC1; RC2; T1OSO; T1OSI
Registers
CCP1CON; CCP2CON; CCPR1L; CCPR2L; TMR2; PR2; T2CON; OSCCON
SFR bits
CCP1IE; CCP1IF; CCP1IP; CCP21E; CCP21F; CCP2IP; T1OSCEN; T3CCP1; TMR2ON;
TOUTPS<3:0>; T2CKPS<1:0>; T3CCP2; SFS; RC1; RC2; TRISC1; TRISC2; LATC1; LATC2
Interrupts and
Interrupt Resources
CCP1 Capture/Compare match; CCP2 Capture/Compare match; High priority interrupts
(when Motor Control is used; reserved for Timer2)
Timer Resources
Timer2 (available only through the Motor Control kernel); Timer2 as a clock source for
MSSP module (SPI mode)
CCP Resources
Capture and Compare functionality; Timer1 reset on special event; Timer3 reset on special
event; A/D conversion on special event; Interrupt on special event
Configuration Word bits
OSCEN; CCP2MX; CP3; WRT3; EBTR3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com