Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4539-E/SOSQTP Datasheet(PDF) 321 Page - Microchip Technology

Part # PIC18F4539-E/SOSQTP
Description  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4539-E/SOSQTP Datasheet(HTML) 321 Page - Microchip Technology

Back Button PIC18F4539-E/SOSQTP Datasheet HTML 314Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 315Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 316Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 317Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 318Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 319Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 320Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 321Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 322Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 321 / 322 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS30485A-page 319
PIC18FXX39
PIC18FXX39 PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
PART NO.
−
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device
PIC18FXX39(1), PIC18FXX39T(2);
VDD range 4.2V to 5.5V
PIC18LFXX39(1), PIC18LFXX39T(2);
VDD range 2.0V to 5.5V
Temperature
Range
I=
-40
°C to +85°C (Industrial)
E=
-40
°C to +125°C (Extended)
Package
ML =
QFN (Quad Flatpack, No Leads)
P=
PDIP
PT =
TQFP (Plastic Thin Quad Flatpack)
SO =
SOIC
SP =
Skinny Plastic DIP
Pattern
QTP, SQTP, Code or Special Requirements
(blank otherwise)
Examples:
a)
PIC18LF4539 - I/P 301 = Industrial
temp., PDIP package, Extended VDD
limits, QTP pattern #301.
b)
PIC18LF2439 - I/SO = Industrial temp.,
SOIC package, Extended VDD limits.
c)
PIC18F4439 - E/P = Extended temp.,
PDIP package, normal VDD limits.
Note 1: F
= Standard Voltage range
LF = Wide Voltage Range
2: T
= in tape and reel - SOIC,
QFN, and TQFP
packages only.
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com