Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4539-E/SOSQTP Datasheet(PDF) 109 Page - Microchip Technology

Part # PIC18F4539-E/SOSQTP
Description  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4539-E/SOSQTP Datasheet(HTML) 109 Page - Microchip Technology

Back Button PIC18F4539-E/SOSQTP Datasheet HTML 105Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 106Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 107Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 108Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 109Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 110Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 111Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 112Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 113Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 322 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS30485A-page 107
PIC18FXX39
12.0 TIMER2 MODULE
The Timer2 module is an 8-bit timer with a selectable
8-bit period. It has the following features:
• Input from system clock at FOSC/4 with
programmable input prescaler
• Interrupt on timer-to-period match with
programmable postscaler
The module has three registers: the TMR2 counter, the
PR2 period register, and the T2CON control register.
The general operation of Timer2 is shown in
Figure 12-1.
Additional information on the use of Timer2 as a
time-base is available in Section 15.0 (PWM Modules).
FIGURE 12-1:
TIMER2 BLOCK DIAGRAM
Note:
In PIC18FXX39 devices, Timer2 is used
exclusively as a time-base for the PWM
modules in motor control applications. As
such, it is not available to users as a
resource. Although their locations are
shown on the device data memory maps,
none of the Timer2 registers are directly
accessible. Users should not alter the
values of these registers.
Comparator
TMR2
Sets Flag
TMR2
Output
RESET
Postscaler
Prescaler
PR2
FOSC/4
1:1 to 1:16
1:1, 1:4, 1:16
bit TMR2IF
(ProMPT Module)
(TMR2 = PR2)
(ProMPT Module)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com