Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4539-E/SOSQTP Datasheet(PDF) 118 Page - Microchip Technology

Part # PIC18F4539-E/SOSQTP
Description  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4539-E/SOSQTP Datasheet(HTML) 118 Page - Microchip Technology

Back Button PIC18F4539-E/SOSQTP Datasheet HTML 114Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 115Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 116Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 117Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 118Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 119Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 120Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 121Page - Microchip Technology PIC18F4539-E/SOSQTP Datasheet HTML 122Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 322 page
background image
PIC18FXX39
DS30485A-page 116
Preliminary
 2002 Microchip Technology Inc.
Strong Fan V/F Curve
15
14.8
1.3%
6.2
0.45
100
18
17.8
1.1%
8.5
0.57
193
20
19.8
1.0%
11.3
0.69
264
25
24.7
1.2%
17.3
0.94
408
30
29.7
1.0%
24.0
1.17
538
35
34.6
1.1%
31.5
1.43
654
40
39.6
1.0%
38.9
1.66
720
45
44.5
1.1%
49.5
1.96
888
50
49.5
1.0%
61.6
2.26
1040
55
54.4
1.1%
73.5
2.56
1162
60
59.4
1.0%
93.8
2.94
1410
65
64.3
1.1%
106.8
3.24
1534
70
69.3
1.0%
108.9
3.49
1401
75
74.2
1.1%
109.5
3.58
1016
Weak Fan V/F Curve
15
14.8
1.3%
14.9
0.99
306
18
17.8
1.1%
19.1
1.15
405
20
19.8
1.0%
23.5
1.31
475
25
24.7
1.2%
32.8
1.56
619
30
29.7
1.0%
41.2
1.79
759
35
34.6
1.1%
51.5
2.01
893
40
39.6
1.0%
62.2
2.23
1018
45
44.5
1.1%
73.7
2.47
1155
50
49.4
1.2%
83.0
2.64
1277
55
54.4
1.1%
92.5
2.86
1397
60
59.4
1.0%
103.5
3.06
1498
65
64.3
1.1%
108.0
3.22
1500
70
69.3
1.0%
107.8
3.50
1348
75
74.2
1.1%
108.1
3.55
949
TABLE 14-2:
ProMPT OUTPUT CHARACTERISTICS FOR VARIOUS V/F CURVES (CONTINUED)
Motor Type:
Rated Voltage:
Full Load Current:
Rated Frequency:
Rated Speed:
Rated Power:
Shaded Pole Blower
115V
3.5/3.25A
50/60 Hz
1570 RPM
1/10 HP
Input
Frequency (Hz)
Measured
Frequency (Hz)
Deviation (%)
Measured
Output
Voltage (RMS)
Measured
Output
Current (A)
Motor Speed
(RPM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com