Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTPL-U06UVC280GL Datasheet(PDF) 10 Page - Lite-On Technology Corporation

Part # LTPL-U06UVC280GL
Description  Specific Lighting
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-U06UVC280GL Datasheet(HTML) 10 Page - Lite-On Technology Corporation

Back Button LTPL-U06UVC280GL Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 9Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 10Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 11Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 12Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 13Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 14Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
9/14
Part No. : LTPL- U06UVC280GL
BNS-OD-FC002/A4
Specific Lighting
LTPL-U06UVC280GL
Recommend Printed Circuit Board Attachment Pad
Notes:
1.
The LEDs can be soldered using the reflow soldering or hand soldering method. The recommended hand
soldering condition is 300°C max. and 2 secs max. o nly once, and the operation of reflow soldering is only up to
three times at maximum.
2.
All temperatures refer to topside of the package, measured on the package body surface.
3.
The soldering profile could be further referred to different soldering grease material characteristic. The grease
vendor will provide this information.
4.
A rapid-rate process is not recommended for the LEDs cooling down from the peak temperature.
5.
Although the recommended reflow conditions are specified above, the reflow or hand soldering condition at the
lowest possible temperature is desirable for the LEDs.
6.
LiteOn cannot make a guarantee on the LEDs which have been already assembled using the dip soldering
method.
7.
Recommend printed circuit board attachment pad specification tolerance ±0.1mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com