Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTPL-U06UVC280GL Datasheet(PDF) 14 Page - Lite-On Technology Corporation

Part # LTPL-U06UVC280GL
Description  Specific Lighting
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-U06UVC280GL Datasheet(HTML) 14 Page - Lite-On Technology Corporation

Back Button LTPL-U06UVC280GL Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 9Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 10Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 11Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 12Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 13Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 14Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 15Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
13/14 PartNo.:LTPL- U06UVC280GL
BNS-OD-FC002/A4
Specific Lighting
LTPL-U06UVC280GL
Storage
This product is qualified as moisture sensitive Level 3 per JEDEC J-STD-020 Precaution when handling this
moisture sensitive product is important to ensure the reliability of the product.
The package is sealed:
The LEDs should be stored at 30°C or less and 85%RH or less. And the LEDs are limited to use within one year,
while the LEDs is packed in moisture-proof package with the desiccants inside.
The package is opened:
The LEDs should be stored at 30°C or less and 60%RH or less. The LEDs are limited to solder process within
168hrs. we recommended to baking LEDs at 60°C at lea st 24hours before solder. To seal the remainder LEDs
return to package, it’s recommended to be with workable desiccants in original package.
Safety
DO NOT directly look at the UV light from LED or optical instrument because it is harmful to human eyes. And it is
recommended to use UV goggles protective glasses for avoiding eye damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com