Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTPL-U06UVC280GL Datasheet(PDF) 11 Page - Lite-On Technology Corporation

Part # LTPL-U06UVC280GL
Description  Specific Lighting
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-U06UVC280GL Datasheet(HTML) 11 Page - Lite-On Technology Corporation

Back Button LTPL-U06UVC280GL Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 9Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 10Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 11Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 12Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 13Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 14Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 15Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
10/14 PartNo.:LTPL- U06UVC280GL
BNS-OD-FC002/A4
Specific Lighting
LTPL-U06UVC280GL
Package Dimensions of Tape
Package Dimensions of Reel
Notes:
1. Empty component pockets sealed with top cover tape.
2. 7 inch reel-maximum 1000 pieces per reel.(Min. packing quantities are 100 pieces for remainders)
3. The maximum number of consecutive missing lamps is two.
4. In accordance with EIA-481-1-B specifications.
Item
Specification
Tol.(+/-)
W
12.00
± 0.20
E
1.75
± 0.10
F
5.50
± 0.10
D0
1.50
± 0.10
D1
1.55
± 0.05
P0
4.00
± 0.10
P1
8.00
± 0.10
P2
2.00
± 0.05
t
0.25
± 0.02
A0
6.35
± 0.10
B0
6.35
± 0.10
K0
1.90
± 0.10
Cathode
Anode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com