Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTPL-U06UVC280GL Datasheet(PDF) 12 Page - Lite-On Technology Corporation

Part # LTPL-U06UVC280GL
Description  Specific Lighting
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-U06UVC280GL Datasheet(HTML) 12 Page - Lite-On Technology Corporation

Back Button LTPL-U06UVC280GL Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 9Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 10Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 11Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 12Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 13Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 14Page - Lite-On Technology Corporation LTPL-U06UVC280GL Datasheet HTML 15Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
11/14 PartNo.:LTPL- U06UVC280GL
BNS-OD-FC002/A4
Specific Lighting
LTPL-U06UVC280GL
9. Cautions
Cleaning
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LED if necessary.
Do not use unspecified chemical liquid to clean LED, it could harm the package.
Drive Method
An LED is a current-operated device. In order to ensure intensity uniformity on multiple LEDs connected in parallel
in an application, it is recommended that a current limiting resistor be incorporated in the drive circuit, in series with
each LED as shown in Circuit below.
LED
LED
Circuit model A
Circuit model B
(A) Recommended circuit.
(B) The brightness of each LED might appear different due to the differences in the I-V characteristics of those
LEDs.
© This LED should be used under forward current, particularly not used under continuous reverse current to avoid
the damage to LED.
The electrode pads are plated with gold, but it is still not recommended to the use under any of the following
conditions, please confirm the performance and reliability are well enough if you use it under any of the following
conditions
・Do not use sulfur-containing materials in commercial products including the materials such as seals and
adhesives that may contain sulfur.
・Do not put this product in a place with a lot of moisture (over 85% relative humidity), dew condensation, briny air,
and corrosive gas (Cl, H2S, NH3, SO2, NOX, etc.).
Manual Handling Remark
The LED should only be picked up by making contact with the sides of the LED body. It should not put any pressure
on the lens either by finger or any hand tool. Do not puncture or push the lens.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com