Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSOC4100S Datasheet(PDF) 35 Page - Cypress Semiconductor

Part # PSOC4100S
Description  Programmable System-on-Chip (PSoC)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100S Datasheet(HTML) 35 Page - Cypress Semiconductor

Back Button PSOC4100S Datasheet HTML 31Page - Cypress Semiconductor PSOC4100S Datasheet HTML 32Page - Cypress Semiconductor PSOC4100S Datasheet HTML 33Page - Cypress Semiconductor PSOC4100S Datasheet HTML 34Page - Cypress Semiconductor PSOC4100S Datasheet HTML 35Page - Cypress Semiconductor PSOC4100S Datasheet HTML 36Page - Cypress Semiconductor PSOC4100S Datasheet HTML 37Page - Cypress Semiconductor PSOC4100S Datasheet HTML 38Page - Cypress Semiconductor PSOC4100S Datasheet HTML 39Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
PSoC® 4: PSoC 4100S Plus
Datasheet
Document Number: 002-19966 Rev. *F
Page 35 of 42
Packaging
The PSoC 4100S Plus will be offered in 44 TQFP, 64 TQFP Normal pitch, and 64 TQFP Fine Pitch packages.
Package dimensions and Cypress drawing numbers are in the following table.
Table 40. Package List
Spec ID#
Package
Description
Package Dwg
BID20
64-pin TQFP
14 × 14 × 1.4-mm height with 0.8-mm pitch
51-85046
BID27
64-pin TQFP
10 × 10 × 1.6-mm height with 0.5-mm pitch
51-85051
BID34A
44-pin TQFP
10 × 10 × 1.4-mm height with 0.8-mm pitch
51-85064
Table 41. Package Thermal Characteristics
Parameter
Description
Package
Min
Typ
Max
Units
TA
Operating ambient temperature
–40
25
85
°C
TJ
Operating junction temperature
–40
–
100
°C
TJA
Package θJA
44-pin TQFP
–
55.6
–
°C/Watt
TJC
Package θJC
44-pin TQFP
–
14.4
–
°C/Watt
TJA
Package θJA
64-pin TQFP (0.5-mm pitch)
–
46
–
°C/Watt
TJC
Package θJC
64-pin TQFP (0.5-mm pitch)
–
10
–
°C/Watt
TJA
Package θJA
64-pin TQFP (0.8-mm pitch)
–
36.8
–
°C/Watt
TJC
Package θJC
64-pin TQFP (0.8-mm pitch)
–
9.4
–
°C/Watt
Table 42. Solder Reflow Peak Temperature
Package
Maximum Peak
Temperature
Maximum Time at Peak Temperature
All
260 °C
30 seconds
Table 43. Package Moisture Sensitivity Level (MSL), IPC/JEDEC J-STD-020
Package
MSL
All
MSL 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com