Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSOC4100S Datasheet(PDF) 15 Page - Cypress Semiconductor

Part # PSOC4100S
Description  Programmable System-on-Chip (PSoC)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100S Datasheet(HTML) 15 Page - Cypress Semiconductor

Back Button PSOC4100S Datasheet HTML 11Page - Cypress Semiconductor PSOC4100S Datasheet HTML 12Page - Cypress Semiconductor PSOC4100S Datasheet HTML 13Page - Cypress Semiconductor PSOC4100S Datasheet HTML 14Page - Cypress Semiconductor PSOC4100S Datasheet HTML 15Page - Cypress Semiconductor PSOC4100S Datasheet HTML 16Page - Cypress Semiconductor PSOC4100S Datasheet HTML 17Page - Cypress Semiconductor PSOC4100S Datasheet HTML 18Page - Cypress Semiconductor PSOC4100S Datasheet HTML 19Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
PSoC® 4: PSoC 4100S Plus
Datasheet
Document Number: 002-19966 Rev. *F
Page 15 of 42
Electrical Specifications
Absolute Maximum Ratings
Device Level Specifications
All specifications are valid for –40 °C
 TA  85 °C and TJ  100 °C, except where noted. Specifications are valid for 1.71 V to 5.5 V,
except where noted.
Note
1. Usage above the absolute maximum conditions listed in Table 1 may cause permanent damage to the device. Exposure to Absolute Maximum conditions for extended
periods of time may affect device reliability. The Maximum Storage Temperature is 150 °C in compliance with JEDEC Standard JESD22-A103, High Temperature
Storage Life. When used below Absolute Maximum conditions but above normal operating conditions, the device may not operate to specification.
Table 1. Absolute Maximum Ratings[1]
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SID1
VDDD_ABS
Digital supply relative to VSS
–0.5
–
6
V
–
SID2
VCCD_ABS
Direct digital core voltage input relative
to VSS
–0.5
–
1.95
–
SID3
VGPIO_ABS
GPIO voltage
–0.5
–
VDD+0.5
–
SID4
IGPIO_ABS
Maximum current per GPIO
–25
–
25
mA
–
SID5
IGPIO_injection
GPIO injection current, Max for VIH >
VDDD, and Min for VIL < VSS
–0.5
–
0.5
Current injected
per pin
BID44
ESD_HBM
Electrostatic discharge human body
model
2200
–
–
V
–
BID45
ESD_CDM
Electrostatic discharge charged device
model
500
–
–
–
BID46
LU
Pin current for latch-up
–140
–
140
mA
–
Table 2. DC Specifications
Typical values measured at VDD = 3.3 V and 25 °C.
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SID53
VDD
Power supply input voltage
1.8
–
5.5
V
Internally
regulated supply
SID255
VDD
Power supply input voltage (VCCD =
VDDD = VDDA)
1.71
–
1.89
Internally
unregulated
supply
SID54
VCCD
Output voltage (for core logic)
–
1.8
–
–
SID55
CEFC
External regulator voltage bypass
–
0.1
–
µF
X5R ceramic or
better
SID56
CEXC
Power supply bypass capacitor
–
1
–
X5R ceramic or
better
Active Mode, VDD = 1.8 V to 5.5 V. Typical values measured at VDD = 3.3 V and 25 °C.
SID10
IDD5
Execute from flash; CPU at 6 MHz
–
1.8
2.4
mA
Max is at 85 °C
and 5.5 V
SID16
IDD8
Execute from flash; CPU at 24 MHz
–
3.0
4.6
Max is at 85 °C
and 5.5 V
SID19
IDD11
Execute from flash; CPU at 48 MHz
–
5.4
7.1
Max is at 85 °C
and 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com