Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSOC4100S Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # PSOC4100S
Description  Programmable System-on-Chip (PSoC)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100S Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button PSOC4100S Datasheet HTML 7Page - Cypress Semiconductor PSOC4100S Datasheet HTML 8Page - Cypress Semiconductor PSOC4100S Datasheet HTML 9Page - Cypress Semiconductor PSOC4100S Datasheet HTML 10Page - Cypress Semiconductor PSOC4100S Datasheet HTML 11Page - Cypress Semiconductor PSOC4100S Datasheet HTML 12Page - Cypress Semiconductor PSOC4100S Datasheet HTML 13Page - Cypress Semiconductor PSOC4100S Datasheet HTML 14Page - Cypress Semiconductor PSOC4100S Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
PSoC® 4: PSoC 4100S Plus
Datasheet
Document Number: 002-19966 Rev. *F
Page 11 of 42
Descriptions of the Power pins are as follows:
VDDD: Power supply for the digital section.
VDDA: Power supply for the analog section.
VSSD, VSSA: Ground pins for the digital and analog sections respectively.
VCCD: Regulated digital supply (1.8 V ±5%)
VDD: Power supply to all sections of the chip
VSS: Ground for all sections of the chip
GPIOs by package:
14
P6.2
15
P6.4
16
P6.5
17
VSSD
17
VSSD
18
P3.0
11
P3.0
19
P3.1
12
P3.1
20
P3.2
13
P3.2
21
P3.3
14
P3.3
22
P3.4
15
P3.4
23
P3.5
16
P3.5
24
P3.6
17
P3.6
25
P3.7
18
P3.7
26
VDDD
19
VDDD
27
P4.0
20
P4.0
28
P4.1
21
P4.1
29
P4.2
22
P4.2
30
P4.3
23
P4.3
31
P4.4
32
P4.5
33
P4.6
34
P4.7
35
P5.6
36
P5.7
37
P7.0
38
P7.1
64 TQFP
44 TQFP
Number
54
37
64-TQFP
44-TQFP
Pin
Name
Pin
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com