Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSOC4100S Datasheet(PDF) 19 Page - Cypress Semiconductor

Part # PSOC4100S
Description  Programmable System-on-Chip (PSoC)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100S Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button PSOC4100S Datasheet HTML 15Page - Cypress Semiconductor PSOC4100S Datasheet HTML 16Page - Cypress Semiconductor PSOC4100S Datasheet HTML 17Page - Cypress Semiconductor PSOC4100S Datasheet HTML 18Page - Cypress Semiconductor PSOC4100S Datasheet HTML 19Page - Cypress Semiconductor PSOC4100S Datasheet HTML 20Page - Cypress Semiconductor PSOC4100S Datasheet HTML 21Page - Cypress Semiconductor PSOC4100S Datasheet HTML 22Page - Cypress Semiconductor PSOC4100S Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
PSoC® 4: PSoC 4100S Plus
Datasheet
Document Number: 002-19966 Rev. *F
Page 19 of 42
Analog Peripherals
CTBm Opamp
Table 8. CTBm Opamp Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
IDD
Opamp block current, External load
SID269
IDD_HI
power=hi
–
1100
1850
µA
–
SID270
IDD_MED
power=med
–
550
950
–
SID271
IDD_LOW
power=lo
–
150
350
–
GBW
Load = 20 pF, 0.1 mA
VDDA = 2.7 V
SID272
GBW_HI
power=hi
6
–
–
MHz
Input and output are
0.2 V to VDDA-0.2 V
SID273
GBW_MED
power=med
3
–
–
Input and output are
0.2 V to VDDA-0.2 V
SID274
GBW_LO
power=lo
–
1
–
Input and output are
0.2 V to VDDA-0.2 V
IOUT_MAX
VDDA = 2.7 V, 500 mV from rail
SID275
IOUT_MAX_HI
power=hi
10
–
–
mA
Output is 0.5 V to VDDA
-0.5 V
SID276
IOUT_MAX_MID
power=mid
10
–
–
Output is 0.5 V to VDDA
-0.5 V
SID277
IOUT_MAX_LO
power=lo
–
5
–
Output is 0.5 V to VDDA
-0.5 V
IOUT
VDDA = 1.71 V, 500 mV from rail
SID278
IOUT_MAX_HI
power=hi
4
–
–
mA
Output is 0.5 V to VDDA
-0.5 V
SID279
IOUT_MAX_MID
power=mid
4
––
Output is 0.5 V to
VDDA-0.5 V
SID280
IOUT_MAX_LO
power=lo
–
2
–
Output is 0.5 V to
VDDA-0.5 V
IDD_Int
Opamp block current Internal Load
SID269_I
IDD_HI_Int
power=hi
–
1500
1700
µA
–
SID270_I
IDD_MED_Int
power=med
–
700
900
–
SID271_I
IDD_LOW_Int
power=lo
––
–
–
GBW
VDDA = 2.7 V
––
–
–
SID272_I
GBW_HI_Int
power=hi
8
––
MHz
Output is 0.25 V to
VDDA-0.25 V
General opamp specs for both
internal and external modes
SID281
VIN
Charge-pump on, VDDA = 2.7 V
–0.05
–
VDDA-0
.2
V
–
SID282
VCM
Charge-pump on, VDDA = 2.7 V
–0.05
–
VDDA-0
.2
–
VOUT
VDDA = 2.7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com