Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S25FL032P Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # S25FL032P
Description  32-Mbit 3.0 V Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL032P Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button S25FL032P Datasheet HTML 35Page - Cypress Semiconductor S25FL032P Datasheet HTML 36Page - Cypress Semiconductor S25FL032P Datasheet HTML 37Page - Cypress Semiconductor S25FL032P Datasheet HTML 38Page - Cypress Semiconductor S25FL032P Datasheet HTML 39Page - Cypress Semiconductor S25FL032P Datasheet HTML 40Page - Cypress Semiconductor S25FL032P Datasheet HTML 41Page - Cypress Semiconductor S25FL032P Datasheet HTML 42Page - Cypress Semiconductor S25FL032P Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
Document Number: 002-00650 Rev. *L
Page 39 of 60
S25FL032P
9.20
Release from Deep Power-Down (RES)
The device requires the Release from Deep Power-Down (RES) command to exit the Deep Power-Down mode. When the device is
in the Deep Power-Down mode, all commands except RES are ignored.
The host system must drive CS# low and write the RES command to SI. CS# must be driven low for the entire duration of the
sequence. The command sequence is shown in Figure 32 and Table 10 on page 18.
The host system must drive CS# high tRES(max) after the 8-bit RES command byte. The device transitions from DP mode to the
standby mode after a delay of tRES (see Figure 25). In the standby mode, the device can execute any read or write command.
Note: The RES command does not reset the Write Enable Latch (WEL) bit.
Figure 32. Release from Deep Power-Down (RES) Command Sequence
9.20.1
Release from Deep Power-Down and Read Electronic Signature (RES)
The device features an 8-bit Electronic Signature, which can be read using the RES command. See Figure 33 and Table 10 on page
18 for the command sequence and signature value. The Electronic Signature is not to be confused with the identification data
obtained using the RDID command. The device offers the Electronic Signature so that it can be used with previous devices that
offered it; however, the Electronic Signature should not be used for new designs, which should read the RDID data instead.
After the host system drives CS# low, it must write the RES command followed by 3 dummy bytes to SI (each bit is latched on SI
during the rising edge of SCK). The Electronic Signature is then output on SO; each bit is shifted out on the falling edge of SCK. The
RES operation is terminated by driving CS# high after the Electronic Signature is read at least once. Additional clock cycles on SCK
with CS# low cause the device to output the Electronic Signature repeatedly.
When CS# is driven high, the device transitions from DP mode to the standby mode after a delay of tRES, as previously described.
The RES command always provides access to the Electronic Signature of the device and can be applied even if DP mode has not
been entered. Any RES command issued while an erase, program, or Write Registers operation is in progress not executed, and the
operation continues uninterrupted.
Figure 33. Release from Deep Power-Down and RES Command Sequence
CS#
SCK
SI
SO
0
1
23
4
5
6
7
Command
Deep Power-down Mode
t
RES
Standby Mode
Mode 0
Hi-Z
Mode 3
CS#
SCK
SI
SO
3 Dummy Bytes
Hi-Z
MSB
Deep Power-Down Mode
Standby Mode
0
1
2
34
5
6
7
8
9
10
28 29 30 31 32
33 34 35 36
37
38
Electronic ID
Command
tRES
23 22 21
3
2
10
7
65
4
32
1
0
MSB
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com