Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S25FL032P Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # S25FL032P
Description  32-Mbit 3.0 V Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL032P Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button S25FL032P Datasheet HTML 9Page - Cypress Semiconductor S25FL032P Datasheet HTML 10Page - Cypress Semiconductor S25FL032P Datasheet HTML 11Page - Cypress Semiconductor S25FL032P Datasheet HTML 12Page - Cypress Semiconductor S25FL032P Datasheet HTML 13Page - Cypress Semiconductor S25FL032P Datasheet HTML 14Page - Cypress Semiconductor S25FL032P Datasheet HTML 15Page - Cypress Semiconductor S25FL032P Datasheet HTML 16Page - Cypress Semiconductor S25FL032P Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
Document Number: 002-00650 Rev. *L
Page 13 of 60
S25FL032P
Note
(Default) indicates the value of each Configuration Register bit set upon initial factory shipment.
7.9
Data Protection Modes
Cypress SPI Flash memory devices provide the following data protection methods:
 The Write Enable (WREN) command: Must be written prior to any command that modifies data. The WREN command sets the
Write Enable Latch (WEL) bit. The WEL bit resets (disables writes) on power-up or after the device completes the following
commands:
– Page Program (PP)
– Sector Erase (SE)
– Bulk Erase (BE)
– Write Disable (WRDI)
– Write Register (WRR)
– Parameter 4 KB Sector Erase (P4E)
– Parameter 8 KB Sector Erase (P8E)
– Quad Page Programming (QPP)
– OTP Byte Programming (OTPP)
 Software Protected Mode (SPM): The Block Protect (BP2, BP1, BP0) bits define the section of the memory array that can be
read but not programmed or erased. Table 6 and Table 7 shows the sizes and address ranges of protected areas that are defined
by Status Register bits BP2:BP0.
 Hardware Protected Mode (HPM): The Write Protect (W#/ACC) input and the Status Register Write Disable (SRWD) bit together
provide write protection.
 Clock Pulse Count: The device verifies that all program, erase, and Write Register commands consist of a clock pulse count that
is a multiple of eight before executing them.
Table 5. Configuration Register Table
Bit
Bit Name
Bit Function
Description
7NA
Not Used
6NA
Not Used
5TBPROT
Configures start of block protection
1 = Bottom Array (low address)
0 = Top Array (high address) (Default)
4NA
Do not use
3
BPNV
Configures BP2-0 bits in the Status Register
1 = Volatile
0 = Nonvolatile (Default)
2TBPARM
Configures Parameter sector location
1 = Top Array (high address)
0 = Bottom Array (low address) (Default)
1QUAD
Puts the device into Quad I/O mode
1 = Quad I/O
0 = Dual or Serial I/O (Default)
0
FREEZE
Locks BP2-0 bits in the Status Register
1 = Enabled
0 = Disabled (Default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com