Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S25FS128S Datasheet(PDF) 50 Page - Cypress Semiconductor

Part # S25FS128S
Description  1.8 V, Serial Peripheral Interface with Multi-I/O, MirrorBit짰 Non-Volatile Flash
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FS128S Datasheet(HTML) 50 Page - Cypress Semiconductor

Back Button S25FS128S Datasheet HTML 46Page - Cypress Semiconductor S25FS128S Datasheet HTML 47Page - Cypress Semiconductor S25FS128S Datasheet HTML 48Page - Cypress Semiconductor S25FS128S Datasheet HTML 49Page - Cypress Semiconductor S25FS128S Datasheet HTML 50Page - Cypress Semiconductor S25FS128S Datasheet HTML 51Page - Cypress Semiconductor S25FS128S Datasheet HTML 52Page - Cypress Semiconductor S25FS128S Datasheet HTML 53Page - Cypress Semiconductor S25FS128S Datasheet HTML 54Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 151 page
background image
Document Number: 002-00368 Rev. *J
Page 50 of 151
S25FS128S
S25FS256S
7.6
Registers
Registers are small groups of memory cells used to configure how the S25FS-S family memory device operates or to report the
status of device operations. The registers are accessed by specific commands. The commands (and hexadecimal instruction codes)
used for each register are noted in each register description.
In legacy SPI memory devices the individual register bits could be a mixture of volatile, non-volatile, or One-Time Programmable
(OTP) bits within the same register. In some configuration options the type of a register bit could change e.g. from non-volatile to
volatile.
The S25FS-S family uses separate non-volatile or volatile memory cell groups (areas) to implement the different register bit types.
However, the legacy registers and commands continue to appear and behave as they always have for legacy software compatibility.
There is a non-volatile and a volatile version of each legacy register when that legacy register has volatile bits or when the command
to read the legacy register has zero read latency. When such a register is read the volatile version of the register is delivered. During
Power-On Reset (POR), hardware reset, or software reset, the non-volatile version of a register is copied to the volatile version to
provide the default state of the volatile register. When non-volatile register bits are written the non-volatile version of the register is
erased and programmed with the new bit values and the volatile version of the register is updated with the new contents of the non-
volatile version. When OTP bits are programmed the non-volatile version of the register is programmed and the appropriate bits are
updated in the volatile version of the register. When volatile register bits are written, only the volatile version of the register has the
appropriate bits updated.
The type for each bit is noted in each register description. The default state shown for each bit refers to the state after Power-On
Reset, hardware reset, or software reset if the bit is volatile. If the bit is non-volatile or OTP, the default state is the value of the bit
when the device is shipped from Cypress. Non-Volatile bits have the same cycling (erase and program) endurance as the main flash
array.
OTP Address Map
Region
Byte Address Range (Hex)
Contents
Initial Delivery State (Hex)
Region 0
000
Least Significant Byte of
Cypress Programmed Random
Number
Cypress Programmed Random
Number
...
...
00F
Most Significant Byte of Cypress
Programmed Random Number
010 to 013
Region Locking Bits
Byte 10 [bit 0] locks region 0
from programming when = 0
...
Byte 13 [bit 7] locks region
31from programming when = 0
All Bytes = FF
014 to 01F
Reserved for Future Use (RFU)
All Bytes = FF
Region 1
020 to 03F
Available for User Programming
All Bytes = FF
Region 2
040 to 05F
Available for User Programming
All Bytes = FF
...
...
Available for User Programming
All Bytes = FF
Region 31
3E0 to 3FF
Available for User Programming
All Bytes = FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com