Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S25FS128S Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # S25FS128S
Description  1.8 V, Serial Peripheral Interface with Multi-I/O, MirrorBit짰 Non-Volatile Flash
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FS128S Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button S25FS128S Datasheet HTML 17Page - Cypress Semiconductor S25FS128S Datasheet HTML 18Page - Cypress Semiconductor S25FS128S Datasheet HTML 19Page - Cypress Semiconductor S25FS128S Datasheet HTML 20Page - Cypress Semiconductor S25FS128S Datasheet HTML 21Page - Cypress Semiconductor S25FS128S Datasheet HTML 22Page - Cypress Semiconductor S25FS128S Datasheet HTML 23Page - Cypress Semiconductor S25FS128S Datasheet HTML 24Page - Cypress Semiconductor S25FS128S Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 151 page
background image
Document Number: 002-00368 Rev. *J
Page 21 of 151
S25FS128S
S25FS256S
IO floating. The memory does not use any data driven on IO during the latency cycles. The host must stop driving the IO signals on
the falling edge at the end of the last latency cycle. It is recommended that the host stop driving them during all latency cycles so that
there is sufficient time for the host drivers to turn off before the memory begins to drive at the end of the latency cycles. This prevents
driver conflict between host and memory when the signal direction changes. The memory does not drive the IO signals during the
latency cycles.
The next interface state following the last latency cycle is a Quad Output Cycle.
3.3.16
Quad Output Cycle - Memory to Host Transfer
The Quad I/O Read returns data to the host four bits in each cycle. The host keeps CS# low. The memory drives data on IO0–IO3
signals during the Quad Output Cycles.
The next interface state continues to be Quad Output Cycle until the host returns CS# to high ending the command.
3.3.17
DDR Quad Input Cycle - Host to Memory Transfer
The DDR Quad I/O Read command sends address, and mode bits to the memory on all the IO signals. Four bits are transferred on
the rising edge of SCK and four bits on the falling edge in each cycle. The host keeps CS# low.
The next interface state following the delivery of address and mode bits is a DDR Latency Cycle.
3.3.18
DDR Latency Cycle
DDR Read commands may have one to several latency cycles during which read data is read from the main flash memory array
before transfer to the host. The number of latency cycles are determined by the Latency Code in the Configuration Register
(CR2V[3:0]). During the latency cycles, the host keeps CS# low. The host may not drive the IO signals during these cycles. So that
there is sufficient time for the host drivers to turn off before the memory begins to drive. This prevents driver conflict between host
and memory when the signal direction changes. The memory has an option to drive all the IO signals with a Data Learning Pattern
(DLP) during the last 4 latency cycles. The DLP option should not be enabled when there are fewer than five latency cycles so that
there is at least one cycle of high impedance for turn around of the IO signals before the memory begins driving the DLP. When
there are more than 4 cycles of latency the memory does not drive the IO signals until the last four cycles of latency.
The next interface state following the last latency cycle is a DDR Single, or Quad Output Cycle, depending on the instruction.
3.3.19
DDR Quad Output Cycle - Memory to Host Transfer
The DDR Quad I/O Read command returns bits to the host on all the IO signals. Four bits are transferred on the rising edge of SCK
and four bits on the falling edge in each cycle. The host keeps CS# low.
The next interface state continues to be DDR Quad Output Cycle until the host returns CS# to high ending the command.
3.4
Configuration Register Effects on the Interface
The Configuration Register 2 volatile bits 3 to 0 (CR2V[3:0]) select the variable latency for all array read commands except Read
and Read SDFP (RSFDP). Read always has zero latency cycles. RSFDP always has 8 latency cycles. The variable latency is also
used in the OTPR, ECCRD, and RDAR commands.
The Configuration Register bit 1 (CR1V[1]) selects whether Quad Mode is enabled to switch WP# to IO2 function, RESET# to IO3
function, and thus allow Quad I/O Read and QPI Mode commands. Quad Mode must also be selected to allow DDR Quad I/O Read
commands.
3.5
Data Protection
Some basic protection against unintended changes to stored data are provided and controlled purely by the hardware design. These
are described below. Other software managed protection methods are discussed in the software section of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com