Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S25FS128S Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # S25FS128S
Description  1.8 V, Serial Peripheral Interface with Multi-I/O, MirrorBit짰 Non-Volatile Flash
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FS128S Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button S25FS128S Datasheet HTML 24Page - Cypress Semiconductor S25FS128S Datasheet HTML 25Page - Cypress Semiconductor S25FS128S Datasheet HTML 26Page - Cypress Semiconductor S25FS128S Datasheet HTML 27Page - Cypress Semiconductor S25FS128S Datasheet HTML 28Page - Cypress Semiconductor S25FS128S Datasheet HTML 29Page - Cypress Semiconductor S25FS128S Datasheet HTML 30Page - Cypress Semiconductor S25FS128S Datasheet HTML 31Page - Cypress Semiconductor S25FS128S Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 151 page
background image
Document Number: 002-00368 Rev. *J
Page 28 of 151
S25FS128S
S25FS256S
5.2.1
Capacitance Characteristics
Note:
1. Parameter values are not 100% tested. For more details, please refer to the IBIS models.
5.3
Reset
5.3.1
Power-On (Cold) Reset
The device executes a Power-On Reset (POR) process until a time delay of tPU has elapsed after the moment that VCC rises above
the minimum VCC threshold. See Figure 4.3, Power-Up on page 25, and FS-S Power-Up / Power-Down Voltage and Timing
on page 24
. The device must not be selected (CS# to go high with VCC) during power-up (tPU), i.e. no commands may be sent to the
device until the end of tPU.
The IO3 / RESET# signal functions as the RESET# input when CS# is high for more than tCS time or when Quad Mode is not
enabled CR1V[1] = 0.
RESET# is ignored during POR. If RESET# is low during POR and remains low through and beyond the end of tPU, CS# must
remain high until tRH after RESET# returns high. RESET# must return high for greater than tRS before returning low to initiate a
hardware reset.
Figure 5.4
Reset Low at the End of POR
Figure 5.5
Reset High at the End of POR
Capacitance
Parameter
Test Conditions
Min
Max
Unit
CIN
Input Capacitance (applies to SCK, CS#, IO3/RESET#)
1 MHz
8
pF
COUT
Output Capacitance (applies to All I/O)
1 MHz
8
pF
VCC
RESET#
CS#
If RESET# is low at tPU end
CS# must be high at tPU end
tPU
tRH
VCC
RESET#
CS#
If RESET# is high at tPU end
CS# may stay high or go low at tPU end
tPU
tPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com