Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S25FS128S Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # S25FS128S
Description  1.8 V, Serial Peripheral Interface with Multi-I/O, MirrorBit짰 Non-Volatile Flash
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FS128S Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button S25FS128S Datasheet HTML 9Page - Cypress Semiconductor S25FS128S Datasheet HTML 10Page - Cypress Semiconductor S25FS128S Datasheet HTML 11Page - Cypress Semiconductor S25FS128S Datasheet HTML 12Page - Cypress Semiconductor S25FS128S Datasheet HTML 13Page - Cypress Semiconductor S25FS128S Datasheet HTML 14Page - Cypress Semiconductor S25FS128S Datasheet HTML 15Page - Cypress Semiconductor S25FS128S Datasheet HTML 16Page - Cypress Semiconductor S25FS128S Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 151 page
background image
Document Number: 002-00368 Rev. *J
Page 13 of 151
S25FS128S
S25FS256S
Figure 2.3
Bus Master and Memory Devices on the SPI Bus — Quad Bit Data Path
3.
Signal Protocols
3.1
SPI Clock Modes
3.1.1
Single Data Rate (SDR)
The S25FS-S family can be driven by an embedded microcontroller (bus master) in either of the two following clocking modes.
 Mode 0
with Clock Polarity (CPOL) = 0 and, Clock Phase (CPHA) = 0
 Mode 3
with CPOL = 1 and, CPHA = 1
For these two modes, input data into the device is always latched in on the rising edge of the SCK signal and the output data is
always available from the falling edge of the SCK clock signal.
The difference between the two modes is the clock polarity when the bus master is in standby mode and not transferring any data.
SCK will stay at logic low state with CPOL = 0, CPHA = 0
SCK will stay at logic high state with CPOL = 1, CPHA = 1
Figure 3.1
SPI SDR Modes Supported
Timing diagrams throughout the remainder of the document are generally shown as both Mode 0 and 3 by showing SCK as both
high and low at the fall of CS#. In some cases a timing diagram may show only Mode 0 with SCK low at the fall of CS#. In such a
case, Mode 0 timing simply means the clock is high at the fall of CS# so no SCK rising edge set up or hold time to the falling edge of
CS# is needed for Mode 0.
SCK cycles are measured (counted) from one falling edge of SCK to the next falling edge of SCK. In Mode 0 the beginning of the
first SCK cycle in a command is measured from the falling edge of CS# to the first falling edge of SCK because SCK is already low
at the beginning of a command.
SPI
Bus Master
IO3 / RESET#
IO2
IO1
IO0
SCK
CS1#
FS-S
Flash
RESET# / IO3
IO2
IO0
IO1
SCK
CS1#
CPOL=0_CPHA=0_SCK
CPOL=1_CPHA=1_SCK
CS#
SI
SO
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com