Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MTSB1.5/3-5.08 Datasheet(PDF) 16 Page - International Rectifier

Part # MTSB1.5/3-5.08
Description  Drives 1 x 70W HID lamp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MTSB1.5/3-5.08 Datasheet(HTML) 16 Page - International Rectifier

Back Button MTSB1.5/3-5.08 Datasheet HTML 12Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 13Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 14Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 15Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 16Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 17Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 18Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 19Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
www.irf.com
- 16 -
6.2 Under-Voltage Fault Counter
The IC also includes an under-voltage fault counter at the VSENSE pin. Once the lamp
has ignited, the lamp voltage will decrease sharply to a very low voltage (20V typical).
As the lamp warms up, the lamp voltage will slowly increase until the nominal running
voltage is reached (100V typical). If the lamp voltage remains too low for too long, then
this is a lamp fault condition and the ballast must shutdown. To detect this, the VSENSE
pin includes an under-voltage threshold of VOV(1/7.5). If the voltage at the VSENSE pin
remains below VOV(1/7.5) and the under-voltage fault counter times out (295sec typical,
with CTCLK=0.18uF), then the lamp is not warming up properly due to a lamp fault
condition (end of life, etc.) and the IC will enter fault mode and shutdown. If the voltage
at the VSENSE pin increases above VOV(1/7.5) before the under-voltage counter times
out, then the lamp has successfully warmed up and the IC will remain in general mode.
Figure 6.2 shows some waveforms when the ballast goes into Fault Mode due to under-
voltage fault.
Figure 6.2: Under-voltage fault: CH1 is TCLK pin voltage, CH2 is VSENSE voltage, CH3 is LO voltage
and CH4 is VCC voltage
6.3 Fast Transient Under-Voltage Fault Counter
During normal running conditions, fast transient under-voltage spikes can occur on the
lamp voltage due to instabilities in the lamp arc.
The resulting transients on the
VSENSE pin will cycle below and above the VOV(1/7.5) threshold quickly (<50us). If the
number of events of these transients exceeds the maximum number of events of the
fault counter (16,384 events typical), then the IC will enter fault mode and shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com