Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MTSB1.5/3-5.08 Datasheet(PDF) 22 Page - International Rectifier

Part # MTSB1.5/3-5.08
Description  Drives 1 x 70W HID lamp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MTSB1.5/3-5.08 Datasheet(HTML) 22 Page - International Rectifier

Back Button MTSB1.5/3-5.08 Datasheet HTML 18Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 19Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 20Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 21Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 22Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 23Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 24Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 25Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 26Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
www.irf.com
- 22 -
Calculate the value of current sense and over current resistors:
43
.
0
,
LAMP
NOM
ISENSE
CS
I
V
R
(15)
k
I
R
I
R
REF
CS
OC
OC
4
.
12
5
.
0
6
.
1
(16)
Over-current resistor selection value:
 k
R
OC
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com